Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45626 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 45626
Description  2.50mm (.098?? Pitch SPOX??BMI Connector System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45626 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  45626 Datasheet HTML 1Page - Molex Electronics Ltd. 45626 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
2.50mm (.098”) Pitch
SPOX™ BMI
Connector System
45578, 45579, 45608,
45609, 45626, 45627
Wire-to-Wire, Wire-to-Board
I Telecommunication Equipment
- Hubs
- Servers
- Routers
I Other Markets
- Fan-tray assemblies
- Low-current blind-mating applications
- Lower-current power supply applications
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/wb/spoxbmi.html
Order No. USA-286
Printed in USA/2.5K/JI/JI/2005.01
©2005, Molex
ORDERING INFORMATION
Order No.
Product Type
Orientation
Pin Count
Housing Material
Application
45578-0001
Header Assembly
Vertical
6
Liquid Crystal Polymer
Wire-to-Board
45578-0002
Header Assembly
Vertical
6
Liquid Crystal Polymer
Wire-to-Board
45579-0001
Receptacle
Panel Mount
6
Polyester
Wire-to-Wire and Wire-to-Board
45626-0001
Plug
Panel Mount
6
Polyester
Wire-to-Wire
45627-0001
Crimp Terminal
-
-
Phosphor Bronze
Wire-to-Wire and Wire-to-Board
45608-0001
Header Assembly
Right Angle
16
Liquid Crystal Polymer
Wire-to-Board
45609-0001
Receptacle
Panel Mount
16
Polyester
Wire-to-Board


Similar Part No. - 45626

ManufacturerPart #DatasheetDescription
logo
MolexKits
45626-0001 MOLEXKITS-45626-0001 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
45626-0001 MOLEXKITS-45626-0001 Datasheet
38Kb / 2P
   BMI Dual Row Panel Mount Vertical Plug and Receptacle
More results

Similar Description - 45626

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0353010860 MOLEX4-0353010860 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX?
0353010250 MOLEX4-0353010250 Datasheet
169Kb / 4P
   2.50mm (.098") Pitch SPOX?
0465280001 MOLEX6-0465280001 Datasheet
177Kb / 3P
   2.50mm (.098") Pitch SPOX BMI Receptacle Housing, Single Row, Vertical,6 Circuits
0465111000 MOLEX6-0465111000 Datasheet
118Kb / 3P
   2.50mm (.098") Pitch SPOX??BMI Header Assembly, Single Row, Vertical, 6 Circuits
0456260008 MOLEX6-0456260008 Datasheet
193Kb / 3P
   2.50mm (.098") Pitch SPOX BMI Plug Housing, Dual Row, Panel Mount, 8 Circuits
0353010760 MOLEX4-0353010760 Datasheet
164Kb / 4P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Header
0495490410 MOLEX6-0495490410 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 4 Circuits
0008700103 MOLEX1-0008700103 Datasheet
84Kb / 3P
   2.50mm (.098") Pitch SPOX??Crimp Terminal 5241, Bag
0495490510 MOLEX6-0495490510 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX Housing, 5 Circuits
0495490310 MOLEX6-0495490310 Datasheet
105Kb / 2P
   2.50mm (.098") Pitch Mini-SPOX??Housing, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com