Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-58281EG Datasheet(PDF) 6 Page - China Semiconductor Corporation

Part # CSM-58281EG
Description  2.3 Inch 5X8 Dot-Matrix Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-58281EG Datasheet(HTML) 6 Page - China Semiconductor Corporation

  CSM-58281EG Datasheet HTML 1Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 2Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 3Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 4Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 5Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 6Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 7Page - China Semiconductor Corporation CSM-58281EG Datasheet HTML 8Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
(Ta=25 )
Symbol
Unit
Pd
mW
IAF
mA
IPF
mA
-
mA/
VR
V
Topr
Tstg
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.0
2.8
V
IF=20mA
Iv
-
6
-
mcd
IF=10mA
q
-
632
-
nm
IF=20mA
Od
-
624
-
nm
IF=20mA
-
35
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
7
-
mcd
IF=10mA
q
-
568
-
nm
IF=20mA
Od
-
572
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/5
A
Model No CSM-58271/58281EG
http://www.csctw.com.tw
Luminous Intensity Matching Ratio
Derating Linear From 25
Per Dice
0.33
Reverse Voltage Per Dice
Rating
PS-ND-08090407
Peak Emission Wavelength
Dominant Wavelength
Spectrum Radiation Bandwidth
Reverse Current
Spectrum Radiation Bandwidth
Reverse Current
Luminous Intensity Matching Ratio
25
90
Parameter
Power Dissipation Per Dice
Continuous Forward Current Per Dice
Peak Current Per Dice(duty cycle 1/10, 1kHz)
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Parameter
5
Operating Temp.
-35 ~ +85
Storage Temp.
-35 ~ +85
70
Yellow Green
Orange
Yellow Green
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Forward Voltage Per Segment
Luminous Intensity Per Segment
Peak Emission Wavelength
Dominant Wavelength


Similar Part No. - CSM-58281EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-58281SG CHINASEMI-CSM-58281SG Datasheet
236Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58281VM9 CHINASEMI-CSM-58281VM9 Datasheet
234Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
More results

Similar Description - CSM-58281EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211A9 CHINASEMI-CSM-58211A9 Datasheet
197Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231A9 CHINASEMI-CSM-58231A9 Datasheet
206Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211S CHINASEMI-CSM-58211S Datasheet
197Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231B7 CHINASEMI-CSM-58231B7 Datasheet
202Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58211V9 CHINASEMI-CSM-58211V9 Datasheet
192Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231E CHINASEMI-CSM-58231E Datasheet
206Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58231T9 CHINASEMI-CSM-58231T9 Datasheet
208Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58261VM9 CHINASEMI-CSM-58261VM9 Datasheet
229Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58271VM9 CHINASEMI-CSM-58271VM9 Datasheet
234Kb / 6P
   2.3 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com