Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11D2X Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # H11D2X
Description  HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

H11D2X Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  H11D2X Datasheet HTML 1Page - ISOCOM COMPONENTS H11D2X Datasheet HTML 2Page - ISOCOM COMPONENTS H11D2X Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
14/8/08
100
Ambient temperature T
A ( °C )
300
0
400
Ambient temperature T
A ( °C )
60
30
20
10
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
200
70
80
-30
0
25
50
75
100
125
0
0.4
0.6
0.8
1.0
1.2
0.2
1.4
Relative Current Transfer Ratio
vs. Ambient Temperature
1
2
5
10
20
50
1.0
10
Forward current I
F (mA)
0.1
0.01
0.8
1.0
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0
100
200
300
400
500
600
700
0.1 0.2
0.5
1
2
5 10
20
50
0.9
1.1
1.3
1.2
1.4
Forward current I
F (mA)
V
CE = 10V
R
BE = 1MΩ
T
A = 25°C
Relative Current Transfer Ratio vs.
Forward Current ( normalised to 10mA I
F )
1.6
1.8
2.0
2.2
2.4
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
800
Normalised to V
CE = 10V ,
I
F = 10mA , RBE = 1MΩ ,
T
A = 25°C
I
F = 20mA
I
F = 10mA
I
F = 5mA
Collector-base Current vs.
Ambient Temperature
Forward Voltage vs. Forward Current
V
CB= 10V
I
F = 50mA
V
CB= 200V
I
F = 10mA
V
CB= 10V
I
F = 5mA
V
CB= 10V
I
F = 10mA
T
A = -55°C
T
A = +25°C
T
A= +100°C
DB91077m-AAS/A3


Similar Part No. - H11D2X

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11D2 MOTOROLA-H11D2 Datasheet
282Kb / 6P
   6-Pin DIP Optoisolators High Voltage Transistor Output(300 Volts)
logo
Fairchild Semiconductor
H11D2 FAIRCHILD-H11D2 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
H11D2 VISHAY-H11D2 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
H11D2 VISHAY-H11D2 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
H11D2 VISHAY-H11D2 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2023
More results

Similar Description - H11D2X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4N35X ETC1-4N35X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
CQY80X ETC-CQY80X Datasheet
48Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNY17-1X ETC-CNY17-1X Datasheet
66Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8100 ETC-MOC8100 Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com