Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS171DW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS171DW
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS171DW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75ALS171DW Datasheet HTML 7Page - Texas Instruments SN75ALS171DW Datasheet HTML 8Page - Texas Instruments SN75ALS171DW Datasheet HTML 9Page - Texas Instruments SN75ALS171DW Datasheet HTML 10Page - Texas Instruments SN75ALS171DW Datasheet HTML 11Page - Texas Instruments SN75ALS171DW Datasheet HTML 12Page - Texas Instruments SN75ALS171DW Datasheet HTML 13Page - Texas Instruments SN75ALS171DW Datasheet HTML 14Page - Texas Instruments SN75ALS171DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN75ALS171, SN75ALS171A
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SLLS056D – AUGUST 1987 – REVISED SEPTEMBER 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
S3 to 0 V
0 V
0 V
S3 to 5 V
0 V
Input
Output
tPZL
tPZH
S1 to 0 V
S2 to 5 V
S2 to 0 V
S1 to 3 V
0 V
3 V
0 V
tPZL
tPZH
1.5 V
Output
Input
1.5 V
≈ 2.3 V
≈ –1 V
≈ – 2.3 V
≈ 1 V
Output
RL2 = 75 Ω
RL1 = 165 Ω
5 V
0 V
S2
CL = 60 pF
(see Note B)
3 V
S3
0 V
5 V
RL3 = 165 Ω
50
Generator
(see Note A)
CL = 60 pF
(see Note B)
1.5 V
1.5 V
0 V
3 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 7. Driver Differential-Enable and Disable Times With a Double-SCSI Termination


Similar Part No. - SN75ALS171DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS171DW TI-SN75ALS171DW Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DWE4 TI-SN75ALS171DWE4 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DWR TI-SN75ALS171DWR Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171DWRE4 TI-SN75ALS171DWRE4 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - SN75ALS171DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170 Datasheet
291Kb / 10P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com