Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75ALS172A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75ALS172A
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS172A Datasheet(HTML) 3 Page - Texas Instruments

  SN75ALS172A Datasheet HTML 1Page - Texas Instruments SN75ALS172A Datasheet HTML 2Page - Texas Instruments SN75ALS172A Datasheet HTML 3Page - Texas Instruments SN75ALS172A Datasheet HTML 4Page - Texas Instruments SN75ALS172A Datasheet HTML 5Page - Texas Instruments SN75ALS172A Datasheet HTML 6Page - Texas Instruments SN75ALS172A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN75ALS172A
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS121D – AUGUST 1990 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
Input
VCC
Output
GND
VCC
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL OUTPUTS
35 k
Ω NOM
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–9 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DW
1125 mW
9 mW/
°C
720 mW
585 mW
N
1150 mW
9.2 mW/
°C
736 mW
598 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Common-mode output voltage, VOC
12
–7
V
High-level output current, IOH
–60
mA
Low-level output current, IOL
60
mA
Operating free-air temperature, TA
0
70
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75174 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26C31 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
MC3487 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LS31C QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LV31 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS174A QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS192 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn