Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS172A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS172A
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS172A Datasheet(HTML) 6 Page - Texas Instruments

  SN75ALS172A Datasheet HTML 1Page - Texas Instruments SN75ALS172A Datasheet HTML 2Page - Texas Instruments SN75ALS172A Datasheet HTML 3Page - Texas Instruments SN75ALS172A Datasheet HTML 4Page - Texas Instruments SN75ALS172A Datasheet HTML 5Page - Texas Instruments SN75ALS172A Datasheet HTML 6Page - Texas Instruments SN75ALS172A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN75ALS172A
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS121D – AUGUST 1990 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPZL
RL = 110 Ω
0 V or 3 V
Output
VOL
Output
VOLTAGE WAVEFORMS
TEST CIRCUIT
50
Input
0 V
3 V
Generator
(see Note A)
S1
5 V
CL = 50 pF
(see Note B)
1.5 V
1.5 V
2.3 V
5 V
tPLZ
0.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, duty cycle = 50%, tf ≤ 5 ns,
tr ≤ 5 ns.
B. CL includes probe and stray capacitance.
C. To test the active-low enable G, ground G and apply an inverted input waveform to G.
3 V
(see Note C)
Figure 4. Test Circuit and Voltage Waveforms, tPZL and tPLZ


Similar Part No. - SN75ALS172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS172A TI1-SN75ALS172A Datasheet
1Mb / 15P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172ADW TI1-SN75ALS172ADW Datasheet
1Mb / 15P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172ADWG4 TI1-SN75ALS172ADWG4 Datasheet
1Mb / 15P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172ADWR TI1-SN75ALS172ADWR Datasheet
1Mb / 15P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172AN TI1-SN75ALS172AN Datasheet
1Mb / 15P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75ALS172A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com