Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75ALS172A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75ALS172A
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS172A Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS172A Datasheet HTML 1Page - Texas Instruments SN75ALS172A Datasheet HTML 2Page - Texas Instruments SN75ALS172A Datasheet HTML 3Page - Texas Instruments SN75ALS172A Datasheet HTML 4Page - Texas Instruments SN75ALS172A Datasheet HTML 5Page - Texas Instruments SN75ALS172A Datasheet HTML 6Page - Texas Instruments SN75ALS172A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN75ALS172A
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS121D – AUGUST 1990 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOC
R
L
2
R
L
2
VOD2
Figure 1. Differential and Common-Mode Output Voltages
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output Y
Output Z
Input
0 V
3 V
td(ODL)
td(ODH)
3 V
Generator
(see Note A)
CL = 50 pF
(see Note B)
CL
RL =
54
50
Y
Z
1.5 V
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, duty cycle = 50%, tf ≤ 5 ns,
tr ≤ 5 ns.
B. CL includes probe and stray capacitance.
Figure 2. Differential Output Test Circuit and Voltage Waveforms
tPZH
0.5 V
RL = 110 Ω
0 V or 3 V
Output
VOH
Output
VOLTAGE WAVEFORMS
TEST CIRCUIT
50
Input
0 V
3 V
Generator
(see Note A)
tPHZ
S1
Voff ≈ 0
CL = 50 pF
(see Note B)
1.5 V
1.5 V
2.3 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, ZO = 50 Ω, duty cycle = 50%, tf ≤ 5 ns,
tr ≤ 5 ns.
B. CL includes probe and stray capacitance.
C. To test the active-low enable G, ground G and apply an inverted input waveform to G.
3 V
(see Note C)
Figure 3. Test Circuit and Voltage Waveforms, tPZH and tPHZ


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75174 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26C31 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
MC3487 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LS31C QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LV31 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS174A QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS192 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn