Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BP60361 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part No. BP60361
Description  70 MHz Bandpass SAW Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VANLONG [Vanlong Technology Co., Ltd.]
Homepage  http://www.vanlong.com
Logo 

BP60361 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70 MHz Bandpass SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
June 29, 2004
Vanlong Technology Co., Ltd.
70 MHz Bandpass SAW Filter
1.5 MHz Bandwidth
Specifications
Parameter
Sym
Minimum
Typical
Maximum
Unit
Center Frequency at 25
°C
fc
69.93
70.0
70.07
MHz
Insertion Loss at fc
IL
-
24.8
26
dB
1 dB Bandwidth
BW1
1.20
1.24
-
MHz
3 dB Bandwidth
BW3
1.45
1.52
-
MHz
40dB Bandwidth
BW40
-
2.71
2.8
MHz
Passband Variation
-
-
0.6
0.9
dB
Phase Linearity
-
-
-
-
Deg
Group Delay Variation
-
-
100
150
nsec
Absolute Delay
-
-
2.54
-
µsec
Ultimate Rejection
-
50
55
-
dB
Substrate Material
-
-
Quartz
-
-
Ambient Temperature
Ta
-
25
-
°C
Operating Temperature Range
To
-55
25
85
°C
Typical Performance
Package Outline
Matching Configuration
L1 : 270 nH
L2 : 330 nH
Nominal Source/Load Impedance : 50Ω
BP60361


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SF0160CD02254T160 MHz SAW Bandpass Filter 4 MHz bandwidth 1 2 Integrated Circuit Systems
BP6009070 MHz Bandpass SAW Filter 1 Vanlong Technology Co., Ltd.
BP6025070 MHz Bandpass SAW Filter 1 Vanlong Technology Co., Ltd.
SF0185BA02302S185.76 MHz SAW Bandpass Filter 4.48 MHz bandwidth 1 2 3 Integrated Circuit Systems
BP6010070 MHz Bandpass SAW Filter 1 Vanlong Technology Co., Ltd.
BP6026070 MHz Bandpass SAW Filter 1 Vanlong Technology Co., Ltd.
SF0250BA02425S250 MHz SAW Bandpass Filter 80 MHz bandwidth 1 2 3 Integrated Circuit Systems
BP6011070 MHz Bandpass SAW Filter 1 Vanlong Technology Co., Ltd.
BP6027070 MHz Bandpass SAW Filter 1 Vanlong Technology Co., Ltd.
SF0266CN02358S266.667 MHz SAW Bandpass Filter 0.27 MHz bandwidth 1 2 Integrated Circuit Systems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn