Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-57362VM9 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSM-57362VM9
Description  3.0Inch Dot-Matrix Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57362VM9 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-57362VM9 Datasheet HTML 1Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 2Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 3Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 4Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 5Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 6Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 7Page - China Semiconductor Corporation CSM-57362VM9 Datasheet HTML 8Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
Dot Pitch 11.43mm
5*7 Array with X-Y Select.
CSM-57362: Column Cathode, Row Anode
Emitting Color Super-Bright Orange & Super-Bright Green
PREPARED BY
PS-ND-0710
A
Model No CSM-57362VM9
CUSTOMER APPROVED
SIGNATURES
Descriptions:
3.0Inch Dot-Matrix Display
http://www.csctw.com.tw
APPROVED BY
CHECKED BY


Similar Part No. - CSM-57362VM9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57362EG CHINASEMI-CSM-57362EG Datasheet
261Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57362SG CHINASEMI-CSM-57362SG Datasheet
255Kb / 8P
   3.0Inch Dot-Matrix Display
More results

Similar Description - CSM-57362VM9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57312M9 CHINASEMI-CSM-57312M9 Datasheet
220Kb / 7P
   3.0Inch Dot-Matrix Display
CSM-57312T9 CHINASEMI-CSM-57312T9 Datasheet
221Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312V9 CHINASEMI-CSM-57312V9 Datasheet
215Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312S CHINASEMI-CSM-57312S Datasheet
218Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57362EG CHINASEMI-CSM-57362EG Datasheet
261Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57362SG CHINASEMI-CSM-57362SG Datasheet
255Kb / 8P
   3.0Inch Dot-Matrix Display
CSM-57312E CHINASEMI-CSM-57312E Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312G CHINASEMI-CSM-57312G Datasheet
219Kb / 6P
   3.0Inch Dot-Matrix Display
CSM-57312A9 CHINASEMI-CSM-57312A9 Datasheet
220Kb / 6P
   3.0Inch Dot-Matrix Display
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com