Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS1177 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS1177
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS1177 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75ALS1177 Datasheet HTML 3Page - Texas Instruments SN75ALS1177 Datasheet HTML 4Page - Texas Instruments SN75ALS1177 Datasheet HTML 5Page - Texas Instruments SN75ALS1177 Datasheet HTML 6Page - Texas Instruments SN75ALS1177 Datasheet HTML 7Page - Texas Instruments SN75ALS1177 Datasheet HTML 8Page - Texas Instruments SN75ALS1177 Datasheet HTML 9Page - Texas Instruments SN75ALS1177 Datasheet HTML 10Page - Texas Instruments SN75ALS1177 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN75ALS1177, SN75ALS1178
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS154A – MARCH 1993 – REVISED MAY 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOC
VOD2
RL
2
RL
2
VOL
VOH
IOH
IOL
VID
Figure 1. Driver Test Circuit, VOD and VOC
Figure 2. Receiver Test Circuit, VOH and VOL
DRIVER VOLTAGE WAVEFORMS
DRIVER TEST CIRCUIT
50
Y Output
Driver
Input
tPHL
tPLH
tsk
tsk
0 V
3 V
1.5 V
1.5 V
3 V
Generator
(see Note A)
CL1 = 100 pF
(see Note B)
60
CL2 = 100 pF
(see Note B)
1/2 VO
1/2 VO
VO
Z Output
NOTES: A. The pulse generator has the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
B. CL includes probe and jig capacitance.
Figure 3. Driver Propagation Delay Times
Output
0 V
VOH
2.3 V
tPHZ
tPZH
(see Note B)
CL
Output
RL = 500 Ω
S1
DRIVER VOLTAGE WAVEFORMS
DRIVER TEST CIRCUIT
50
Input
0 V
3 V
1.5 V
1.5 V
3 V or 0 V
0.5 V
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
B. CL includes probe and jig capacitance.
Figure 4. Driver Enable and Disable TImes


Similar Part No. - SN75ALS1177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS1177 TI-SN75ALS1177 Datasheet
334Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177N TI-SN75ALS1177N Datasheet
334Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177N TI-SN75ALS1177N Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75ALS1177

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com