Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS056DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS056DW
Description  TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS056DW Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS056DW Datasheet HTML 1Page - Texas Instruments SN75ALS056DW Datasheet HTML 2Page - Texas Instruments SN75ALS056DW Datasheet HTML 3Page - Texas Instruments SN75ALS056DW Datasheet HTML 4Page - Texas Instruments SN75ALS056DW Datasheet HTML 5Page - Texas Instruments SN75ALS056DW Datasheet HTML 6Page - Texas Instruments SN75ALS056DW Datasheet HTML 7Page - Texas Instruments SN75ALS056DW Datasheet HTML 8Page - Texas Instruments SN75ALS056DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN75ALS056, SN75ALS057
TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SLLS028G – AUGUST 1987 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematics of inputs and outputs
ESD
Protect
DRIVER OUTPUT
RECEIVER INPUT
CONTROL INPUTS
RECEIVER OUTPUT
DRIVER INPUT
GND
Bn
VCC
GND
40
µA
VCC
GND
48
20 k
An
or
Rn-Dn
SN75ALS057
Only
En
All resistor values shown are nominal.
17.5 k
TE/RE
Input
15 k
2.5 k
VCC
ESD
Protect
ESD
Protect
ESD
Protect
ESD
Protect†
† Additional ESD protection is on the SN75ALS057, which has separate receiver-output and driver-input pins.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Control input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver output voltage, VO
2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver input voltage, VI
2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receiver output voltage, VO
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: DW or N package
260
°C
. . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values are with respect to network ground terminal.


Similar Part No. - SN75ALS056DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS056DW TI-SN75ALS056DW Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWG4 TI-SN75ALS056DWG4 Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWR TI-SN75ALS056DWR Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWRE4 TI-SN75ALS056DWRE4 Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
SN75ALS056DWRG4 TI-SN75ALS056DWRG4 Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS056DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS057DWR TI-SN75ALS057DWR Datasheet
957Kb / 22P
[Old version datasheet]   TRAPEZOIDAL-WAVEFORM INTERFACE BUS TRANSCEIVERS
logo
National Semiconductor ...
DS3896 NSC-DS3896 Datasheet
247Kb / 9P
   BTL Trapezoidal??Transceivers
DS3896 NSC-DS3896_09 Datasheet
353Kb / 10P
   BTL Trapezoidal??Transceivers
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com