Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-57171EG Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSM-57171EG
Description  1.2 Inch 5X7 Dot-Matrix Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57171EG Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-57171EG Datasheet HTML 1Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 2Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 3Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 4Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 5Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 6Page - China Semiconductor Corporation CSM-57171EG Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
1.2 Inch 5X7 Dot-Matrix Display
Dot Pitch 4.57mm
CSM-57171: Column Anode, Row Cathode
CSM-57181: Column Cathode, Row Anode
Emitting Color: Orange & Yellow Green
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
PREPARED BY
PS-ND-08090601
A
Model No CSM-57171EG/57181EG
CUSTOMER APPROVED
SIGNATURES
http://www.csctw.com.tw
APPROVED BY
CHECKED BY


Similar Part No. - CSM-57171EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results

Similar Description - CSM-57171EG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TA12-11EWA KINGBRIGHT-TA12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-12EGWA KINGBRIGHT-TBA12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-11EGWA KINGBRIGHT-TBA12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-22EGWA KINGBRIGHT-TBA12-22EGWA Datasheet
176Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11GWA KINGBRIGHT-TC12-11GWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com