Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSM-57131E Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSM-57131E
Description  1.2Inch Dot-Matrix Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-57131E Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSM-57131E Datasheet HTML 1Page - China Semiconductor Corporation CSM-57131E Datasheet HTML 2Page - China Semiconductor Corporation CSM-57131E Datasheet HTML 3Page - China Semiconductor Corporation CSM-57131E Datasheet HTML 4Page - China Semiconductor Corporation CSM-57131E Datasheet HTML 5Page - China Semiconductor Corporation CSM-57131E Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 1.2 inch (30.3mm) Matrix height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Material
Package Dimensions -
Page
1/6
Orange
http://www.csctw.com.tw
CSM-57131E
CSM-57141E
GaAsP
Anode
Cathode
Model No CSM-57131E/CSM-57141E
PS-ND-0710
Emitted Color
A
2. Case mold type.
Part No.
Chip
Description
Column
Row
Cathode
Anode


Similar Part No. - CSM-57131E

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57131A9 CHINASEMI-CSM-57131A9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131G CHINASEMI-CSM-57131G Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131M9 CHINASEMI-CSM-57131M9 Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131S CHINASEMI-CSM-57131S Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131T9 CHINASEMI-CSM-57131T9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
More results

Similar Description - CSM-57131E

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57131G CHINASEMI-CSM-57131G Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131T9 CHINASEMI-CSM-57131T9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131A9 CHINASEMI-CSM-57131A9 Datasheet
226Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131S CHINASEMI-CSM-57131S Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
CSM-57131M9 CHINASEMI-CSM-57131M9 Datasheet
224Kb / 6P
   1.2Inch Dot-Matrix Display
logo
LIGITEK electronics co....
LMD5711-2CSR-XX LIGITEK-LMD5711-2CSR-XX Datasheet
138Kb / 8P
   DOT MATRIX LED DISPLAY(1.2Inch)
LMD5711-2CSR-XX-PF LIGITEK-LMD5711-2CSR-XX-PF Datasheet
150Kb / 9P
   DOT MATRIX LED DISPLAY(1.2Inch)
LMD5711-2CVG-XX-P2 LIGITEK-LMD5711-2CVG-XX-P2 Datasheet
111Kb / 8P
   DOT MATRIX LED DISPLAY(1.2Inch)
LMD6711-2ASE-XX LIGITEK-LMD6711-2ASE-XX Datasheet
144Kb / 8P
   DOT MATRIX LED DISPLAY(1.2Inch)
LMD5711-2CSR-XX-P2-PF LIGITEK-LMD5711-2CSR-XX-P2-PF Datasheet
158Kb / 9P
   DOT MATRIX LED DISPLAY(1.2Inch)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com