Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75471 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75471
Description  DUAL PERIPHERAL DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN75471 Datasheet(HTML) 4 Page - Texas Instruments

  SN75471 Datasheet HTML 1Page - Texas Instruments SN75471 Datasheet HTML 2Page - Texas Instruments SN75471 Datasheet HTML 3Page - Texas Instruments SN75471 Datasheet HTML 4Page - Texas Instruments SN75471 Datasheet HTML 5Page - Texas Instruments SN75471 Datasheet HTML 6Page - Texas Instruments SN75471 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VCC
A
GND
Y
500
1 k
B
4 k
1.6 k
130
SN75472 schematic (each driver)
Resistor values shown are nominal.
1 k
1.6 k
SN75471 THRU SN75473
DUAL PERIPHERAL DRIVERS
SLRS024 – DECEMBER 1976 – REVISED MAY 1990
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
&
5
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
SN75472 FUNCTION TABLE
(each driver)
A
B
Y
L
L
H (off state)
L
H
H (off state)
H
L
H (off state)
H
H
L (on state)
positive logic:
Y = AB or A + B
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
SN75472
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V, II = – 12 mA
– 1.2
– 1.5
V
IOH
High-level output current
VCC = 4.75 V, VIH = 2 V,
VOH = 70 V
100
µA
VOL
Low level output voltage
VCC = 4.75 V, VIL= 0.8 V, IOL = 100 mA
0.25
0.4
V
VOL
Low-level output voltage
VCC = 4.75 V, VIL= 0.8 V, IOL = 300 mA
0.5
0.7
V
II
Input current at maximum input voltage
VCC = 5.25 V, VI = 5.5 V
1
mA
IIH
High-level input current
VCC = 5.25 V, VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = 5.25 V, VI = 0.4 V
–1
– 1.6
mA
ICCH
Supply current, outputs high
VCC = 5.25 V, VI = 5 V
13
17
mA
ICCL
Supply current, outputs low
VCC = 5.25 V, VI = 0
61
76
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
SN75472
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
45
65
tPHL
Propagation delay time, high-to-low-level output
IO ≈ 200 mA, CL = 15 pF,
30
50
ns
tTLH
Transition time, low-to-high-level output
O
,
RL = 50 Ω,
L
,
See Figure 1
13
25
ns
tTHL
Transition time, high-to-low-level output
10
20
VOH
High level output voltage after switching
VS = 55 V,
IO ≈ 300 mA,
VS 18
mV
VOH
High-level output voltage after switching
S
See Figure 2
O
VS – 18
mV


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS75451Series Dual Peripheral Drivers 1 2 3 4 5 MoreNational Semiconductor (TI)
DS55451Dual Peripheral Drivers 1 2 3 4 5 MoreNational Semiconductor (TI)
SN75476DUAL PERIPHERAL DRIVERS 1 2 3 4 5 MoreTexas Instruments
DS1631CMOS Dual Peripheral Drivers 1 2 3 4 5 MoreNational Semiconductor (TI)
SN55451BDUAL PERIPHERAL DRIVERS 1 2 3 4 5 MoreTexas Instruments
SN55461DUAL PERIPHERAL DRIVERS 1 2 3 4 5 MoreTexas Instruments
SNJ55451BJGDUAL PERIPHERAL DRIVERS 1 2 3 4 5 MoreTexas Instruments
UDN5741MDUAL PERIPHERAL POWER DRIVERS TRANSIENT PROTECTED OUTPUTS 1 2 3 4 5 MoreAllegro MicroSystems
TC44233A DUAL HIGH-SPEED POWER MOSFET DRIVERS 1 2 3 4 5 MoreMicrochip Technology
HD29050Dual Differential Line Drivers / ReceiversWith 3 State Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn