Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN754410 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN754410
Description  QUADRUPLE HALF-H DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN754410 Datasheet(HTML) 3 Page - Texas Instruments

  SN754410 Datasheet HTML 1Page - Texas Instruments SN754410 Datasheet HTML 2Page - Texas Instruments SN754410 Datasheet HTML 3Page - Texas Instruments SN754410 Datasheet HTML 4Page - Texas Instruments SN754410 Datasheet HTML 5Page - Texas Instruments SN754410 Datasheet HTML 6Page - Texas Instruments SN754410 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN754410
QUADRUPLE HALF-H DRIVER
SLRS007B – NOVEMBER 1986 – REVISED NOVEMBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Output supply voltage range, VCC1 (see Note 1)
– 0.5 V to 36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output supply voltage range, VCC2
– 0.5 V to 36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 3 V to VCC2 + 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current (nonrepetitive, tw ≤5 ms)
±2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±1.1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature (see Note 2)
2075 mW
. . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network GND.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 16.6 mW/°C. To avoid exceeding the design maximum
virtual junction temperature, these ratings should not be exceeded. Due to variations in individual device electrical characteristics
and thermal resistance, the built-in thermal overload protection can be activated at power levels slightly above or below the rated
dissipation.
recommended operating conditions
MIN
MAX
UNIT
Output supply voltage, VCC1
4.5
5.5
V
Output supply voltage, VCC2
4.5
36
V
High-level input voltage, VIH
2
5.5
V
Low-level input voltage, VIL
– 0.3‡
0.8
V
Operating virtual junction temperature, TJ
–40
125
°C
Operating free-air temperature, TA
–40
85
°C
‡ The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet for logic voltage
levels.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TIL293D QUADRUPLE HALF-H DRIVER 1  2  3  4  5  Texas Instruments
L293 QUADRUPLE HALF-H DRIVER 1  2  3  4  5  More Texas Instruments
SCP-3337 QUADRUPLE HALF-H DRIVER 1  2  3  Sensitron
SN75130 QUADRUPLE LINE DRIVER 1  2  3  4  5  More Texas Instruments
DM74AS1000A Quadruple 2-Input NAND Driver 1  2  3  4  Fairchild Semiconductor
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75LBC784 QUADRUPLE RS-423-B DRIVER/RECEIVER 1  2  3  4  5  More Texas Instruments
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75172 QUADRUPLE DIFFRENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn