Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN754410 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN754410
Description  QUADRUPLE HALF-H DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN754410 Datasheet(HTML) 6 Page - Texas Instruments

  SN754410 Datasheet HTML 1Page - Texas Instruments SN754410 Datasheet HTML 2Page - Texas Instruments SN754410 Datasheet HTML 3Page - Texas Instruments SN754410 Datasheet HTML 4Page - Texas Instruments SN754410 Datasheet HTML 5Page - Texas Instruments SN754410 Datasheet HTML 6Page - Texas Instruments SN754410 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN754410
QUADRUPLE HALF-H DRIVER
SLRS007B – NOVEMBER 1986 – REVISED NOVEMBER 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
APPLICATION INFORMATION
5 V
24 V
SN754410
Control A
10 k
16
Control B
8
2
1
7
10
9
15
4, 5, 12, 13
14
11
6
3
Motor
VCC1
GND
VCC2
φ2
φ1
EN
EN
EN
EN
Figure 3. Two-Phase Motor Driver


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TIL293DQUADRUPLE HALF-H DRIVER 1 2 3 4 5 Texas Instruments
L293QUADRUPLE HALF-H DRIVER 1 2 3 4 5 MoreTexas Instruments
SCP-3337QUADRUPLE HALF-H DRIVER 1 2 3 Sensitron
SN75130QUADRUPLE LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
DM74AS1000AQuadruple 2-Input NAND Driver 1 2 3 4 Fairchild Semiconductor
SN55LBC172QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
SN75LBC784QUADRUPLE RS-423-B DRIVER/RECEIVER 1 2 3 4 5 MoreTexas Instruments
SN55LBC174QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
SN75172QUADRUPLE DIFFRENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn