Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN754410 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN754410
Description  QUADRUPLE HALF-H DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN754410 Datasheet(HTML) 5 Page - Texas Instruments

  SN754410 Datasheet HTML 1Page - Texas Instruments SN754410 Datasheet HTML 2Page - Texas Instruments SN754410 Datasheet HTML 3Page - Texas Instruments SN754410 Datasheet HTML 4Page - Texas Instruments SN754410 Datasheet HTML 5Page - Texas Instruments SN754410 Datasheet HTML 6Page - Texas Instruments SN754410 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN754410
QUADRUPLE HALF-H DRIVER
SLRS007B – NOVEMBER 1986 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Pulse
Generator
(see Note A)
VCC1 VCC2
GND
A
EN
Circuit
Under
Test
Y
Input
5 V
3 V
24 V
CL = 30 pF
(see Note B)
Output
TEST CIRCUIT
90%
1.5 V
tf
10%
tr
10%
90%
1.5 V
3 V
0 V
tw
td1
td2
VOH
VOL
90%
90%
10% 10%
tTHL
tTLH
Input
Output
VOLTAGE WAVEFORMS
Figure 1. Test Circuit and Switching Times From Data Inputs
Pulse
Generator
(see Note A)
VCC1 VCC2
GND
A
EN
Circuit
Under
Test
Y
Input
5 V
24 V
CL = 30 pF
(see Note B)
Output
TEST CIRCUIT
To 3 V for tPZH and tPHZ
To 0 V for tPZL and tPLZ
12 V
90%
1.5 V
tf
10%
tr
10%
90%
1.5 V
3 V
0 V
tw
Input
tdis1
tdis2
VOH
VOL
50%
Output
VOLTAGE WAVEFORMS
50%
≈12 V
ten1
ten2
50%
50%
≈12 V
Output
RL = 22 Ω
Figure 2. Test Circuit and Switching Times From Enable Inputs
NOTES: A. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 10 µs, PRR = 5 kHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TIL293D QUADRUPLE HALF-H DRIVER 1  2  3  4  5  Texas Instruments
L293 QUADRUPLE HALF-H DRIVER 1  2  3  4  5  More Texas Instruments
SCP-3337 QUADRUPLE HALF-H DRIVER 1  2  3  Sensitron
SN75130 QUADRUPLE LINE DRIVER 1  2  3  4  5  More Texas Instruments
DM74AS1000A Quadruple 2-Input NAND Driver 1  2  3  4  Fairchild Semiconductor
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75LBC784 QUADRUPLE RS-423-B DRIVER/RECEIVER 1  2  3  4  5  More Texas Instruments
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75172 QUADRUPLE DIFFRENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn