Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN754410 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN754410
Description  QUADRUPLE HALF-H DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN754410 Datasheet(HTML) 4 Page - Texas Instruments

  SN754410 Datasheet HTML 1Page - Texas Instruments SN754410 Datasheet HTML 2Page - Texas Instruments SN754410 Datasheet HTML 3Page - Texas Instruments SN754410 Datasheet HTML 4Page - Texas Instruments SN754410 Datasheet HTML 5Page - Texas Instruments SN754410 Datasheet HTML 6Page - Texas Instruments SN754410 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN754410
QUADRUPLE HALF-H DRIVER
SLRS007B – NOVEMBER 1986 – REVISED NOVEMBER 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and free-air temperature
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 12 mA
– 0.9
– 1.5
V
IOH = – 0.5 A
VCC2 – 1.5 VCC2 – 1.1
VOH
High-level output voltage
IOH = – 1 A
VCC2 –2
V
IOH = – 1 A,
TJ = 25°C
VCC2 – 1.8 VCC2 – 1.4
IOL = 0.5 A
1
1.4
VOL
Low-level output voltage
IOL = 1 A
2
V
IOL = 1 A,
TJ = 25°C
1.2
1.8
VO
High level output clamp voltage
IOK = – 0.5 A
VCC2 + 1.4
VCC2 +2
V
VOKH
High-level output clamp voltage
IOK = 1 A
VCC2 + 1.9 VCC2 + 2.5
V
VO
Low level output clamp voltage
IOK = 0.5 A
– 1.1
–2
V
VOKL
Low-level output clamp voltage
IOK = – 1 A
– 1.3
– 2.5
V
IOZ( ff)
Off-state high-impedance-state
VO = VCC2
500
µA
IOZ(off)
g
output current
VO = 0
– 500
µA
IIH
High-level input current
VI = 5.5 V
10
µA
IIL
Low-level input current
VI = 0
–10
µA
All outputs at high level
38
ICC1
Output supply current
IO = 0
All outputs at low level
70
mA
All outputs at high impedance
25
All outputs at high level
33
ICC2
Output supply current
IO = 0
All outputs at low level
20
mA
All outputs at high impedance
5
† All typical values are at VCC1 = 5 V, VCC2 = 24 V, TA = 25°C.
switching characteristics, VCC1 = 5 V, VCC2 = 24 V, CL = 30 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td1
Delay time, high-to-low-level output from A input
400
ns
td2
Delay time, low-to-high-level output from A input
800
ns
tTLH
Transition time, low-to-high-level output
300
ns
tTHL
Transition time, high-to-low-level output
See Figure 1
300
ns
tr
Rise time, pulse input
tf
Fall time, pulse input
tw
Pulse duration
ten1
Enable time to the high level
700
ns
ten2
Enable time to the low level
See Figure 2
400
ns
tdis1
Disable time from the high level
See Figure 2
900
ns
tdis2
Disable time from the low level
600
ns


Similar Part No. - SN754410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN754410 TI-SN754410 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410NE TI-SN754410NE Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410NEE4 TI-SN754410NEE4 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
More results

Similar Description - SN754410

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com