Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75436 Datasheet(PDF) 3 Page - Texas Instruments

Part No. SN75436
Description  QUADRUPLE PERIPHERAL DRIVERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75436 Datasheet(HTML) 3 Page - Texas Instruments

  SN75436 Datasheet HTML 1Page - Texas Instruments SN75436 Datasheet HTML 2Page - Texas Instruments SN75436 Datasheet HTML 3Page - Texas Instruments SN75436 Datasheet HTML 4Page - Texas Instruments SN75436 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN75436, SN75437A
QUADRUPLE PERIPHERAL DRIVERS
SLRS019A – DECMEBER 1986 – REVISED OCTOBER 1995
3–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VCC = 4.75 V, II = – 12 mA
– 0.9
– 1.5
V
VOL
Low level output voltage
VCC = 4.75 V, IOL = 250 mA
0.14
0.25
V
VOL
Low-level output voltage
CC
,
VIH = 2 V
IOL = 500 mA
0.28
0.5
V
VR(K) Output clamp-diode reverse voltage
VCC = 4.75 V, IR = 100 µA
70
100
V
VF(K)
Output clamp-diode forward voltage
IF = 500 mA
1
1.6
V
IOH
High level output current
VCC = 4.75 V, VIH = 2 V,
1
100
µA
IOH
High-level output current
CC
,
VIL = 0.8 V,
IH
,
VOH = 70 V
1
100
µA
IIH
High-level input current
VCC = 5.25 V, VI = 5.25 V
0.1
10
µA
IIL
Low-level input current
VCC = 5.25 V, VI = 0.8 V
– 0.25
–10
µA
ICCH
Supply current, outputs high
VCC = 5.25 V, VI = 0
1
4
mA
ICCL
Supply current, outputs low
VCC = 5.25 V, VI = 5 V
45
65
mA
† All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1950
5000
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 30 pF,
RL = 60 Ω,
150
500
ns
tTLH
Transition time, low-to-high-level output
L
,
See Figure 1
L
,
40
ns
tTHL
Transition time, high-to-low-level output
36
ns
SN75436
VS = 50 V,
IO ≈ 500 mA,
VS 10
mV
VOH
High level output voltage after switching
SN75436
S
,
RL = 100 Ω,
O
,
See Figure 2
VS – 10
mV
VOH
High-level output voltage after switching
SN75437A
VS = 35 V,
IO ≈ 500 mA,
VS 10
mV
SN75437A
S
,
RL = 70 Ω,
O
,
See Figure 2
VS – 10
mV


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AM26LV31C LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
DS75451 Series Dual Peripheral Drivers 1  2  3  4  5  More National Semiconductor (TI)
SN65LBC174A QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
DP8310 Octal Latched Peripheral Drivers 1  2  3  4  5  More National Semiconductor (TI)
SN54AS1000A QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS 1  2  3  4  5  Texas Instruments
AM26C31C QUADRUPLE DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
SN54ALS1000A QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS/DRIVERS 1  2  3  4  Texas Instruments
HD75153 Quadruple Differential Line Drivers With 3 State Outputs 1  2  3  4  5  More List of Unclassifed Manufacturers
SN65LBC172A QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1  2  3  4  5  More Texas Instruments
SN54AS1032A QUADRUPLE 2-INPUT POSITIVE-OR BUFFERS/DRIVERS 1  2  3  4  5  Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn