Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75374 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75374 Datasheet HTML 5Page - Texas Instruments SN75374 Datasheet HTML 6Page - Texas Instruments SN75374 Datasheet HTML 7Page - Texas Instruments SN75374 Datasheet HTML 8Page - Texas Instruments SN75374 Datasheet HTML 9Page - Texas Instruments SN75374 Datasheet HTML 10Page - Texas Instruments SN75374 Datasheet HTML 11Page - Texas Instruments SN75374 Datasheet HTML 12Page - Texas Instruments SN75374 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028 – SEPTEMBER 1988
3–11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Power MOSFET drivers must be capable of supplying high peak currents to achieve fast switching speeds as
shown by the equation
I
PK +
VC
tr
where C is the capacitive load, and tr is the desired rise time. V is the voltage that the capacitance is charged
to. In the circuit shown in Figure 14(a), V is found by the equation
V = VOH – VOL
Peak current required to maintain a rise time of 100 ns in the circuit of Figure 14(a) is
I
PK +
(3
* 0)4(10 *9)
100(10 * 9)
+ 120 mA
Circuit capacitance can be ignored because it is very small compared to the input capacitance of the IRF151.
With a VCC of 5 V and assuming worst-case conditions, the gate drive voltage is 3 V.
For applications in which the full voltage of VCC2 must be supplied to the MOSFET gate, VCC3 should be at least
3 V higher than VCC2.


Similar Part No. - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374D TI-SN75374D Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374D TI1-SN75374D Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DE4 TI-SN75374DE4 Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374_06 Datasheet
344Kb / 15P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com