Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75207BD Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75207BD
Description  DUAL SENSE AMPLIFIER FOR MOS MEMORIES OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75207BD Datasheet(HTML) 5 Page - Texas Instruments

  SN75207BD Datasheet HTML 1Page - Texas Instruments SN75207BD Datasheet HTML 2Page - Texas Instruments SN75207BD Datasheet HTML 3Page - Texas Instruments SN75207BD Datasheet HTML 4Page - Texas Instruments SN75207BD Datasheet HTML 5Page - Texas Instruments SN75207BD Datasheet HTML 6Page - Texas Instruments SN75207BD Datasheet HTML 7Page - Texas Instruments SN75207BD Datasheet HTML 8Page - Texas Instruments SN75207BD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SN75207B
DUAL SENSE AMPLIFIER FOR MOS MEMORIES
OR DUAL HIGH-SENSITIVITY LINE RECEIVERS
SLLS096C – JULY 1973 – REVISED MARCH 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IIH
High-level input current
VCC
± = ± 5.25 V
VID = – 5 V
30
75
µA
IIL
Low-level input current
VCC
± = ± 5.25 V
VID = 5 V
–10
µA
IIH
High-level input current
VCC
± = ± 5.25 V,
VIH(S) = 2.4 V
40
µA
IIH
g
into 1G or 2G
VCC
± = ± 5.25 V,
VIH(S) = ± 5.25 V
1
mA
IIL
Low-level input current
VCC
± = ± 525 V
VIL(S) =0 4V
16
mA
IIL
into 1G or 2G
VCC
± = ± 5.25 V,
VIL(S) = 0.4 V
–1.6
mA
IIH
High level input current into S
VCC
± = ± 5.25 V,
VIH(S) = 2.4 V
80
µA
IIH
High-level input current into S
VCC
± = ± 5.25 V,
VIH(S) = ± 5.25 V
2
mA
IIL
Low-level input current into S
VCC
± = ± 5.25 V,
VIL(S) = 0.4 V
– 3.2
mA
VOH
High level output voltage
VCC
± = ± 4.75 V,
VIL(S) = 0.8 V,
VID(H) = 10 mV,
24
V
VOH
High-level output voltage
CC
±
,
IOH = – 400 µA,
IL(S)
,
VIC = – 3 V to 3 V
ID(H)
,
2.4
V
VOL
Low level output voltage
VCC
± = ± 4.75 V,
VIH(S) = 2 V,
VID(L) = –10 mV,
04
V
VOL
Low-level output voltage
CC
±
,
IOL = 16 mA,
IH(S)
,
VIC = – 3 V to 3 V
ID(L)
,
0.4
V
IOH
High-level output current
VCC
± = ± 4.75 V,
VOH = ± 5.25 V
400
µA
IOS
Short-circuit output current‡
VCC
± = ± 5.25 V
–18
–70
mA
ICC+
Supply current from VCC +
VCC
± = ± 5.25 V,
TA = 25°C,
Outputs high
18
30
mA
ICC –
Supply current from VCC –
VCC
± = ± 5.25 V,
TA = 25°C,
Outputs high
– 8.4
–15
mA
† All typical values are at VCC+ = 5 V, VCC– = –5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time.
switching characteristics, VCC+ = 5 V, VCC– = –5 V, TA = 25°C
PARAMETER
TEST
CONDITIONS
MIN
MAX
UNIT
tPLH(D)
Propagation delay time, low- to high-level output, from differ-
ential inputs A and B
35
ns
tPHL(D)
Propagation delay time, high- to low-level output, from differ-
ential inputs A and B
RL = 470 Ω,
CL = 50 pF,
20
ns
tPLH(S)
Propagation delay time, low- to high-level output, from strobe
input G or S
L
See Figure 1
L
17
ns
tPHL(S)
Propagation delay time, high- to low-level output, from strobe
input G or S
17
ns


Similar Part No. - SN75207BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN752232 TI-SN752232 Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
SN752232 TI-SN752232 Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
SN752232DGG TI-SN752232DGG Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
SN752232DGG TI-SN752232DGG Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
SN752232DGGR TI-SN752232DGGR Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
More results

Similar Description - SN75207BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com