Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75196DW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75196DW
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75196DW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75196DW Datasheet HTML 4Page - Texas Instruments SN75196DW Datasheet HTML 5Page - Texas Instruments SN75196DW Datasheet HTML 6Page - Texas Instruments SN75196DW Datasheet HTML 7Page - Texas Instruments SN75196DW Datasheet HTML 8Page - Texas Instruments SN75196DW Datasheet HTML 9Page - Texas Instruments SN75196DW Datasheet HTML 10Page - Texas Instruments SN75196DW Datasheet HTML 11Page - Texas Instruments SN75196DW Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VI
VDD
VCC
VSS
–IOS
Figure 4. Receiver Test Circuit for IOS
VIT, VI
VDD
VCC
VSS
IOL
VOH
–IOH
VOL
Figure 5. Receiver Test Circuit for VIT, VOH, and VOL
5 V
–5 V
50%
50%
Input
tPHL
tPLH
90%
50%
10%
50%
10%
90%
tTHL
tTLH
VOH
VOL
VOLTAGE WAVEFORMS
Output
NOTES: A.
The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω, tr = tf < 50 ns.
B.
CL includes probe and jig capacitance.
Pulse
Generator
See Note A
CL
(see Note B)
RL
TEST CIRCUIT
Input
VSS
VCC
VDD
VO
Figure 6. Receiver Propagation and Transition Times


Similar Part No. - SN75196DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75196DW TI1-SN75196DW Datasheet
850Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196DWG4 TI1-SN75196DWG4 Datasheet
850Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196DWR TI1-SN75196DWR Datasheet
850Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75196DW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com