Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75179BP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179BP
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179BP Datasheet(HTML) 3 Page - Texas Instruments

  SN75179BP Datasheet HTML 1Page - Texas Instruments SN75179BP Datasheet HTML 2Page - Texas Instruments SN75179BP Datasheet HTML 3Page - Texas Instruments SN75179BP Datasheet HTML 4Page - Texas Instruments SN75179BP Datasheet HTML 5Page - Texas Instruments SN75179BP Datasheet HTML 6Page - Texas Instruments SN75179BP Datasheet HTML 7Page - Texas Instruments SN75179BP Datasheet HTML 8Page - Texas Instruments SN75179BP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal
– 10 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
197
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential input voltage, are with respect to network ground terminal.
2. Differential input voltage is measured at the noninverting input with respect to the corresponding inverting input.
3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
Driver
2
V
Low-level input voltage, VIL
Driver
0.8
V
Common-mode input voltage, VIC
–7 ‡
12
V
Differential input voltage, VID
±12
V
High level output current IOH
Driver
–60
mA
High-level output current, IOH
Receiver
– 400
µA
Low level output current IOL
Driver
60
mA
Low-level output current, IOL
Receiver
8
mA
Operating free-air temperature, TA
0
70
°C
‡ The algebraic convention, where the less positive (more negative) limit is designated minimum, is used in this data sheet for common-mode input
voltage and threshold voltage.


Similar Part No. - SN75179BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75179BP TI-SN75179BP Datasheet
664Kb / 17P
[Old version datasheet]   Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BPE4 TI-SN75179BPE4 Datasheet
664Kb / 17P
[Old version datasheet]   Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BPSR TI-SN75179BPSR Datasheet
664Kb / 17P
[Old version datasheet]   Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BPSRE4 TI-SN75179BPSRE4 Datasheet
664Kb / 17P
[Old version datasheet]   Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
SN75179BPSRG4 TI-SN75179BPSRG4 Datasheet
664Kb / 17P
[Old version datasheet]   Bus Voltage Range?? V to 12 V, Driver Thermal-Shutdown Protection, Low Power Requirements
More results

Similar Description - SN75179BP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com