Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTIHSM5832F-681K Datasheet(PDF) 1 Page - Central Technologies

Part # CTIHSM5832F-681K
Description  Power Inductors - Molded High Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTIHSM5832F-681K Datasheet(HTML) 1 Page - Central Technologies

  CTIHSM5832F-681K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Molded High Current
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.02.06
Test
DCR
Saturation
Suggested Rated
Part
Inductance
Freq.
Max.
Current DC (Max.)
Current AC
Number
(µH)
(KHz)
(
Ω
Ω)
(A)
(A)
CTIHSM5832F-1R0K
1.0
1.0
0.010
9.0
6.2
CTIHSM5832F-1R2K
1.2
1.0
0.011
8.8
5.6
CTIHSM5832F-1R5K
1.5
1.0
0.012
8.7
5.0
CTIHSM5832F-1R8K
1.8
1.0
0.013
8.6
4.4
CTIHSM5832F-2R2K
2.2
1.0
0.015
8.5
4.0
CTIHSM5832F-2R7K
2.7
1.0
0.017
8.4
3.7
CTIHSM5832F-3R3K
3.3
1.0
0.020
8.3
3.4
CTIHSM5832F-3R9K
3.9
1.0
0.021
7.9
3.1
CTIHSM5832F-4R7K
4.7
1.0
0.023
7.4
2.8
CTIHSM5832F-5R6K
5.6
1.0
0.024
7.0
2.6
CTIHMS5832F-6R8K
6.8
1.0
0.038
6.1
2.3
CTIHSM5832F-8R2K
8.2
1.0
0.047
5.1
2.0
CTIHSM5832F-100K
10
1.0
0.053
4.3
1.8
CTIHSM5832F-120K
12
1.0
0.068
3.9
1.7
CTIHSM5832F-150K
15
1.0
0.078
3.5
1.6
CTIHSM5832F-180K
18
1.0
0.083
3.2
1.5
CTIHSM5832F-220K
22
1.0
0.120
2.8
1.3
CTIHSM5832F-270K
27
1.0
0.140
2.3
1.2
CTIHSM5832F-330K
33
1.0
0.170
1.9
1.1
CTIHSM5832F-390K
39
1.0
0.190
1.8
1.0
CTIHSM5832F-470K
47
1.0
0.215
1.77
.93
CTIHSM5832F-560K
56
1.0
0.236
1.71
.90
CTIHSM5832F-680K
68
1.0
0.305
1.43
.82
CTIHSM5832F-820K
82
1.0
0.357
1.14
.75
CTIHSM5832F-101K
100
1.0
0.452
0.95
.68
CTIHSM5832F-121K
120
1.0
0.530
0.88
.63
CTIHSM5832F-151K
150
1.0
0.609
0.82
.58
CTIHSM5832F-181K
180
1.0
0.809
0.75
.54
CTIHSM5832F-221K
220
1.0
1.100
0.69
.48
CTIHSM5832F-271K
270
1.0
1.270
0.64
.43
CTIHSM5832F-331K
330
1.0
1.420
0.59
.38
CTIHSM5832F-391K
390
1.0
1.890
0.54
.34
CTIHSM5832F-471K
470
1.0
2.210
0.49
.31
CTIHSM5832F-561K
560
1.0
2.200
0.46
.28
CTIHSM5832F-681K
680
1.0
2.730
0.43
.25
CTIHSM5832F-821K
820
1.0
3.780
0.4
.23
CTIHSM5832F-102K
1000
1.0
4.200
0.37
.21
CTIHSM5832F-122K
1200
1.0
5.510
0.32
.19
CTIHSM5832F-152K
1500
1.0
7.350
0.29
.17
CTIHSM5832F-182K
1800
1.0
8.660
0.25
.16
CTIHSM5832F-222K
2200
1.0
9.710
0.22
.14
CTIHSM5832F-272K
2700
1.0
11.29
0.2
.13
CTIHSM5832F-332K
3300
1.0
15.60
0.18
.12
CTIHSM5832F-392K
3900
1.0
20.74
0.16
.11
CTIHSM5832F-472K
4700
1.0
23.10
0.14
.10
CTIHSM5832F-562K
5600
1.0
26.40
0.12
.082
CTIHSM5832F-682K
6800
1.0
29.90
0.10
.082
CTIHSM5832F-822K
8200
1.0
32.20
0.08
.065
CTIHSM5832F-103K
10000
1.0
38.10
0.06
.050
CTIHSM5832F-123K
12000
1.0
45.20
0.04
.050
CTIHSM5832F-153K
15000
1.0
48.30
0.04
.039
CTIHSM5832F-183K
18000
1.0
52.50
0.04
.039
CTIHSM5832F Series
From 1.0 µH to 18,000 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD Molded High Current Inductors
Applications: Excellent power line noise filters, filters for
switching regulated power supplies, DC/DC converters, SCR and
Triac controls and RFI suppression.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10%
Rated Current: Based on the inductance change within 10% of
initial value and temperature rise of initial value less than 30ºC
within coil body
Testing: Tested on a HP4284A at 1KHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Parts are marked with inductance code & tolerance
Additional Information: Additional electrical & physical information
available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
E
Max.
Max.
mm
16.2±0.5
8.13
7.24
2.29±0.5
5.08±0.64
inches
0.64±0.02
0.32
0.285
0.09±0.02
0.20±0.025
PHYSICAL DIMENSIONS
SPECIFICATIONS
Part numbers indicate tolerance available.
K = ±10%
RoHS
Compliant


Similar Part No. - CTIHSM5832F-681K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTIHSM4825F CT-CTIHSM4825F Datasheet
173Kb / 1P
   Power Inductors - Molded High Current
CTIHSM4825F-100L CT-CTIHSM4825F-100L Datasheet
173Kb / 1P
   Power Inductors - Molded High Current
CTIHSM4825F-101L CT-CTIHSM4825F-101L Datasheet
173Kb / 1P
   Power Inductors - Molded High Current
CTIHSM4825F-102L CT-CTIHSM4825F-102L Datasheet
173Kb / 1P
   Power Inductors - Molded High Current
CTIHSM4825F-120L CT-CTIHSM4825F-120L Datasheet
173Kb / 1P
   Power Inductors - Molded High Current
More results

Similar Description - CTIHSM5832F-681K

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
   HIGH CURRENT MOLDED POWER INDUCTORS
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L816PW SUPERWORLD-L816PW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
   HIGH CURRENT MOLDED POWER INDUCTORS
SWDY0806-NC SUPERWORLD-SWDY0806-NC Datasheet
150Kb / 3P
   HIGH CURRENT MOLDED POWER INDUCTORS
L814HW SUPERWORLD-L814HW Datasheet
338Kb / 8P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com