Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75176AD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75176AD
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75176AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75176AD Datasheet HTML 2Page - Texas Instruments SN75176AD Datasheet HTML 3Page - Texas Instruments SN75176AD Datasheet HTML 4Page - Texas Instruments SN75176AD Datasheet HTML 5Page - Texas Instruments SN75176AD Datasheet HTML 6Page - Texas Instruments SN75176AD Datasheet HTML 7Page - Texas Instruments SN75176AD Datasheet HTML 8Page - Texas Instruments SN75176AD Datasheet HTML 9Page - Texas Instruments SN75176AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN75176A
DIFFERENTIAL BUS TRANSCEIVER
SLLS100A – JUNE 1984 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT +
Positive-going input threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.2
V
VIT–
Negative-going input threshold voltage
VO = 0.5 V,
IO = 8 mA
– 0.2‡
V
Vhys
Input hysteresis voltage (VIT + – VIT –)
50
mV
VIK
Enable clamp voltage
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VID = 200 mV,
IOH = – 400 µA,
27
V
VOH
High-level output voltage
ID
,
See Figure 2
OH
µ ,
2.7
V
VOL
Low level output voltage
VID = – 200 mV,
IOL = 8 mA,
045
V
VOL
Low-level output voltage
ID
,
See Figure 2
OL
,
0.45
V
IOZ
High-impedance-state output current
VO = 0.4 V to 2.4 V
±20
µA
II
Line input current
Other input = 0 V,
VI = 12 V
1
mA
II
Line input current
,
See Note 3
VI = – 7 V
– 0.8
mA
IIH
High-level enable input current
VIH = 2.7 V
20
µA
IIL
Low-level enable input current
VIL = 0.4 V
– 100
µA
ri
Input resistance
12
k
IOS
Short-circuit output current
–15
–85
mA
ICC
Supply current (total package)
No load
Outputs enabled
35
50
mA
ICC
Supply current (total package)
No load
Outputs disabled
26
40
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for common-mode
input voltage and threshold voltage levels only.
NOTE 3: This applies for both power on and power off. Refer to ANSI Standard EIA/TIA-422-B for exact conditions.
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
VID = 1 5Vto1 5V
See Figure 6
21
35
ns
tPHL
Propagation delay time, high-to-low-level output
VID = – 1.5 V to 1.5 V, See Figure 6
23
35
ns
tPZH
Output enable time to high level
See Figure 7
10
30
ns
tPZL
Output enable time to low level
See Figure 7
12
30
ns
tPHZ
Output disable time from high level
See Figure 7
20
35
ns
tPLZ
Output disable time from low level
See Figure 7
17
25
ns


Similar Part No. - SN75176AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75176AD TI-SN75176AD Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75176ADE4 TI-SN75176ADE4 Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75176ADG4 TI-SN75176ADG4 Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75176ADR TI-SN75176ADR Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75176ADRE4 TI-SN75176ADRE4 Datasheet
466Kb / 19P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75176AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com