Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75174 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75174
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75174 Datasheet(HTML) 4 Page - Texas Instruments

  SN75174 Datasheet HTML 1Page - Texas Instruments SN75174 Datasheet HTML 2Page - Texas Instruments SN75174 Datasheet HTML 3Page - Texas Instruments SN75174 Datasheet HTML 4Page - Texas Instruments SN75174 Datasheet HTML 5Page - Texas Instruments SN75174 Datasheet HTML 6Page - Texas Instruments SN75174 Datasheet HTML 7Page - Texas Instruments SN75174 Datasheet HTML 8Page - Texas Instruments SN75174 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN75174
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS039B – OCTOBER 1980 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VIH = 2 V,
VIL= 0.8 V,
37
V
VOH
High-level output voltage
IH
,
IL
,
IOH = – 33 mA
3.7
V
VOL
Low level output voltage
VIH = 2 V,
VIL= 0.8 V,
11
V
VOL
Low-level output voltage
IH
,
IL
,
IOL = 33 mA
1.1
V
VO
Output voltage
IO = 0
0
6
V
|VOD1|
Differential output voltage
IO = 0
1.5
6
6
V
RL = 100 Ω
See Figure 1
1/2 VOD1
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
OD1
or 2‡
V
RL = 54 Ω,
See Figure 1
1.5
2.5
5
V
VOD3
Differential output voltage
See Note 2
1.5
5
V
∆|VOD|
Change in magnitude of differential output
voltage§
±0.2
V
VOC
Common mode output voltage¶
R54
Ω or 100 Ω
See Figure 1
+3
V
VOC
Common-mode output voltage¶
RL = 54 Ω or 100 Ω,
See Figure 1
–1
V
∆|VOC|
Change in magnitude of common-mode output
±02
V
∆|VOC|
Change in magnitude of common mode out ut
voltage§
±0.2
V
IO
Output current with power off
VCC = 0,
VO = – 7 V to 12 V
±100
µA
IOZ
High-impedance-state output current
VO = – 7 V to 12 V
±100
µA
IIH
High-level input current
VI = 2.7 V
20
µA
IIL
Low-level input current
VI = 0.5 V
– 360
µA
VO = – 7 V
– 180
IOS
Short-circuit output current
VO = VCC
180
mA
VO = 12 V
500
ICC
Supply current (all drivers)
No load
Outputs enabled
38
60
mA
ICC
Supply current (all drivers)
No load
Outputs disabled
18
40
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
§
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
¶ In ANSI Standard EIA/TIA-422-B, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage,
VOS.
NOTE 2: See EIA Standard RS-485.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential-output delay time
RL =54 Ω
See Figure 2
45
65
ns
tt(OD)
Differential-output transition time
RL = 54 Ω,
See Figure 2
80
120
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 3
80
120
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 4
55
80
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 3
75
115
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 3
18
30
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26C31 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
MC3487 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LS31C QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LV31 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS172A QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS174A QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS192 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn