Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75162BDW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75162BDW
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75162BDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75162BDW Datasheet HTML 3Page - Texas Instruments SN75162BDW Datasheet HTML 4Page - Texas Instruments SN75162BDW Datasheet HTML 5Page - Texas Instruments SN75162BDW Datasheet HTML 6Page - Texas Instruments SN75162BDW Datasheet HTML 7Page - Texas Instruments SN75162BDW Datasheet HTML 8Page - Texas Instruments SN75162BDW Datasheet HTML 9Page - Texas Instruments SN75162BDW Datasheet HTML 10Page - Texas Instruments SN75162BDW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN75161B, SN75162B
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS005B – OCTOBER 1980 – REVISED MAY 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 18 mA
– 0.8
– 1.5
V
Vhys
Hysteresis voltage
(VIT + – VIT –)
Bus
See Figure 7
0.4
0.65
V
VOH‡
High level output voltage
Terminal
IOH = – 800 µA
2.7
3.5
V
VOH‡
High-level output voltage
Bus
IOH = – 5.2 mA
2.5
3.3
V
VOL
Low level output voltage
Terminal
IOL = 16 mA
0.3
0.5
V
VOL
Low-level output voltage
Bus
IOL = 48 mA
0.35
0.5
V
II
Input current at maximum
Terminal
VI =5 5V
02
100
µA
II
input voltage
Terminal
VI = 5.5 V
0.2
100
µA
IIH
High-level input current
Terminal and
VI = 2.7 V
0.1
20
µA
IIL
Low-level input current
control inputs
VI = 0.5 V
–10
– 100
µA
VI/O(b )
Voltage at bus port
Driver disabled
II(bus) = 0
2.5
3.0
3.7
V
VI/O(bus)
Voltage at bus port
Driver disabled
II(bus) = – 12 mA
– 1.5
V
VI(bus) = – 1.5 V to 0.4 V
– 1.3
VI(bus) = 0.4 V to 2.5 V
0
– 3.2
Power on
Driver disabled
VI(b ) =2 5Vto3 7V
2.5
mA
II/O(bus)
Current into bus port
Power on
Driver disabled
VI(bus) = 2.5 V to 3.7 V
– 3.2
mA
()
VI(bus) = 3.7 V to 5 V
0
2.5
VI(bus) = 5 V to 5.5 V
0.7
2.5
Power off
VCC = 0,
VI(bus) = 0 V to 2.5 V
–40
µA
IOS
Short circuit output current
Terminal
–15
–35
–75
mA
IOS
Short-circuit output current
Bus
–25
–50
– 125
mA
ICC
Supply current
No load,
TE, DE, and SC low
110
mA
CI/O(b ) Bus port capacitance
VCC = 5 V to 0,
16
pF
CI/O(bus) Bus-port capacitance
CC
VI/O = 0 to 2 V, f = 1 MHz
16
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ VOH applies for 3-state outputs only.


Similar Part No. - SN75162BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75162BDW TI-SN75162BDW Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWE4 TI-SN75162BDWE4 Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWG4 TI-SN75162BDWG4 Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWR TI-SN75162BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75162BDWRE4 TI-SN75162BDWRE4 Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75162BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com