Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75172 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75172
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75172 Datasheet(HTML) 6 Page - Texas Instruments

  SN75172 Datasheet HTML 1Page - Texas Instruments SN75172 Datasheet HTML 2Page - Texas Instruments SN75172 Datasheet HTML 3Page - Texas Instruments SN75172 Datasheet HTML 4Page - Texas Instruments SN75172 Datasheet HTML 5Page - Texas Instruments SN75172 Datasheet HTML 6Page - Texas Instruments SN75172 Datasheet HTML 7Page - Texas Instruments SN75172 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN75172
QUADRUPLE DIFFRENTIAL LINE DRIVER
SLLS038B – OCTOBER 1980 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
– 100
–80
–60
–40
–20
0
– 120
5
IOH – High-Level Output Current – mA
0
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VCC = 5 V
TA = 25°C
Figure 6
IOL – Low-Level Output Current – mA
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
100
80
60
40
20
120
0
VCC = 5 V
TA = 25°C
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
Figure 7
IO – Output Current – mA
3.5
3
2.5
2
1.5
1
0.5
90
80
70
60
50
40
30
20
10
0
4
0
100
VCC = 5 V
TA = 25°C
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
Figure 8
VO – Output Voltage – V
VCC = 5 V
VCC = 0
40
30
20
10
0
–10
–20
–30
–40
20
15
10
5
0
–5
–10
–15
–20
–50
25
50
–25
Output Dissabled
TA = 25°C


Similar Part No. - SN75172

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN75172 TI1-SN75172 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DW TI1-SN75172DW Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWG4 TI1-SN75172DWG4 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWR TI1-SN75172DWR Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172DWRE4 TI1-SN75172DWRE4 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
More results

Similar Description - SN75172

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
AM26LS31C TI-AM26LS31C_09 Datasheet
813Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
SN75172 TI1-SN75172_16 Datasheet
1Mb / 16P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE DRIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz