Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN75172 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN75172
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75172 Datasheet(HTML) 5 Page - Texas Instruments

  SN75172 Datasheet HTML 1Page - Texas Instruments SN75172 Datasheet HTML 2Page - Texas Instruments SN75172 Datasheet HTML 3Page - Texas Instruments SN75172 Datasheet HTML 4Page - Texas Instruments SN75172 Datasheet HTML 5Page - Texas Instruments SN75172 Datasheet HTML 6Page - Texas Instruments SN75172 Datasheet HTML 7Page - Texas Instruments SN75172 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN75172
QUADRUPLE DIFFRENTIAL LINE DRIVER
SLLS038B – OCTOBER 1980 – REVISED MAY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
Input
1.5 V
2.3 V
1.5 V
tPHZ
tPZH
0.5 V
Voff ≈ 0 V
VOH
0 V
3 V
0 V to 3 V
50
S1
CL = 50 pF
(see Note B)
RL = 110 Ω
Output
3 V
(see Note C)
Generator
(see Note A)
NOTES. A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns, tf ≤ 5 ns,
ZO = 50 Ω.
B. CL includes probe and stray capacitance.
C. To test the active-low enable G, ground G and apply an inverted waveform to G.
Figure 3. Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
Output
Input
tPZL
1.5 V
2.3 V
0.5 V
tPLZ
1.5 V
VOL
5 V
0 V
3 V
TEST CIRCUIT
0 V to 3 V
50
S1
RL = 110 Ω
Output
3 V
(see Note C)
Generator
(see Note A)
5 V
CL = 50 pF
(see Note B)
NOTES. A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr ≤ 5 ns, tf ≤ 5 ns,
ZO = 50 Ω.
B. CL includes probe and stray capacitance.
C. To test the active-low enable G, ground G and apply an inverted waveform to G.
Figure 4. Test Circuit and Voltage Waveforms


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN75130 QUADRUPLE LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN55LBC174 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75174 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LS31C QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN65LBC172 QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26C31 QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
AM26LV31 LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments
LT1030C QUADRUPLE LOW-POWER LINE DRIVER 1  2  3  4  5  More Texas Instruments
SN75ALS172A QUADRUPLE DIFFERENTIAL LINE DRIVER 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn