Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTHC2220F-100J Datasheet(PDF) 1 Page - Central Technologies

Part # CTHC2220F-100J
Description  Wire-wound Chip Inductors- Molded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTHC2220F-100J Datasheet(HTML) 1 Page - Central Technologies

  CTHC2220F-100J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors- Molded
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
01.29.09
Size
A
B
C
D
E
mm
5.6±0.3
5.0±0.2
4.0±0.2
4.0±0.2
0.7±0.1
inches
0.22±0.011
0.20±0.008
0.16±0.008
0.16±0.008
0.03±0.004
PHYSICAL DIMENSIONS
A
C
B
E
D
SPECIFICATIONS
Please specify tolerance code when ordering.
CTHC2220F-1R0_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTHC2220F-1R0_
1.0
7.96
10
7.96
95
0.03
1800
CTHC2220F-1R2_
1.2
7.96
10
7.96
70
0.04
1700
CTHC2220F-1R5_
1.5
7.96
10
7.96
55
0.04
1600
CTHC2220F-1R8_
1.8
7.96
10
7.96
47
0.05
1400
CTHC2220F-2R2_
2.2
7.96
10
7.96
42
0.06
1300
CTHC2220F-2R7_
2.7
7.96
10
7.96
37
0.07
1200
CTHC2220F-3R3_
3.3
7.96
10
7.96
34
0.08
1120
CTHC2220F-3R9_
3.9
7.96
10
7.96
32
0.09
1050
CTHC2220F-4R7_
4.7
7.96
10
7.96
29
0.11
950
CTHC2220F-5R6_
5.6
7.96
10
7.96
26
0.13
880
CTHC2220F-6R8_
6.8
7.96
10
7.96
24
0.15
810
CTHC2220F-8R2_
8.2
7.96
10
7.96
22
0.18
750
CTHC2220F-100_
10
2.52
10
2.52
19
0.21
690
CTHC2220F-120_
12
2.52
10
2.52
17
0.25
630
CTHC2220F-150_
15
2.52
10
2.52
16
0.30
580
CTHC2220F-180_
18
2.52
10
2.52
14
0.36
530
CTHC2220F-220_
22
2.52
10
2.52
13
0.43
480
CTHC2220F-270_
27
2.52
10
2.52
12
0.52
440
CTHC2220F-330_
33
2.52
10
2.52
11
0.62
400
CTHC2220F-390_
39
2.52
10
2.52
9.5
0.72
370
CTHC2220F-470_
47
2.52
10
2.52
8.5
0.85
340
CTHC2220F-560_
56
2.52
10
2.52
7.8
1.00
310
CTHC2220F-680_
68
2.52
10
2.52
7.0
1.20
290
CTHC2220F-820_
82
2.52
10
2.52
6.4
1.40
270
CTHC2220F-101_
100
.796
20
.796
6.0
1.60
250
CTHC2220F-121_
120
.796
20
.796
5.4
1.90
230
CTHC2220F-151_
150
.796
20
.796
4.8
2.20
210
CTHC2220F-181_
180
.796
20
.796
4.4
2.80
190
CTHC2220F-221_
220
.796
20
.796
3.9
3.40
170
CTHC2220F-271_
270
.796
20
.796
3.6
4.20
155
CTHC2220F-331_
330
.796
20
.796
3.2
4.90
140
CTHC2220F-391_
390
.796
20
.796
2.9
5.80
130
CTHC2220F-471_
470
.796
20
.796
2.6
7.00
120
CTHC2220F-561_
560
.796
20
.796
2.4
8.50
110
CTHC2220F-681_
680
.796
20
.796
2.2
10.0
100
CTHC2220F-821_
820
.796
20
.796
2.0
13.0
90
CTHC2220F-102_
1000
.252
20
.252
1.8
15.0
85
CTHC2220F Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, wire-wound molded chip inductor
Applications: TV’s, VCR’s, disk drives, computer peripherals,
telecommunication devices and electronic control boards
for automobiles
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Tape & Reel
Part Marking: Inductance code.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTHC2220F-100J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
   Wire-wound Chip Inductors - Molded
CTHC1812-100K CT-CTHC1812-100K Datasheet
195Kb / 1P
   Wire-wound Chip Inductors - Molded
CTHC1812-101K CT-CTHC1812-101K Datasheet
195Kb / 1P
   Wire-wound Chip Inductors - Molded
CTHC1812-102K CT-CTHC1812-102K Datasheet
195Kb / 1P
   Wire-wound Chip Inductors - Molded
CTHC1812-120K CT-CTHC1812-120K Datasheet
195Kb / 1P
   Wire-wound Chip Inductors - Molded
More results

Similar Description - CTHC2220F-100J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
   Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
   Wire-wound Chip Inductors - Molded
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1812 CT-CTMC1812 Datasheet
192Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
   Wire-wound Chip Inductors - Molded
logo
Abracon Corporation
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
   WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
   Wire-wound Chip Inductors - Molded
CTMC1008F CT-CTMC1008F Datasheet
286Kb / 1P
   Wire-wound Chip Inductors - Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com