Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTH7VF-121K Datasheet(PDF) 1 Page - Central Technologies

Part # CTH7VF-121K
Description  Power Line Chokes - Axial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTH7VF-121K Datasheet(HTML) 1 Page - Central Technologies

  CTH7VF-121K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Line Chokes - Axial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.24.08
Size
A
B
C
20 AWG
Max.
Max.
Typ.
Nom.
mm
15.3
6.85
29.2
0.813
inches
0.6
0.27
1.15
0.319
PHYSICAL DIMENSIONS
A
C
B
20 AWG
Varnish
SPECIFICATIONS
Parts are available in ±10% tolerance only
L Test
SRF
DCR
Saturation
Rated
Part
Inductance
Freq.
Min.
Max.
DC
AC
Number
(µH)
(kHz)
(MHz)
(
Ω
Ω)
(A)
(A)
CTH7VF-3R9K
3.9
1.0
38
.02
7.3
1.3
CTH7VF-4R7K
4.7
1.0
26
.02
6.3
1.3
CTH7VF-5R6K
5.6
1.0
25
.02
5.6
1.3
CTH7VF-6R8K
6.8
1.0
25
.03
5.3
1.3
CTH7VF-8R2K
8.2
1.0
22
.03
4.5
1.3
CTH7VF-100K
10
1.0
17
.03
4.1
1.3
CTH7VF-120K
12
1.0
16
.04
3.6
1.3
CTH7VF-150K
15
1.0
12
.04
3.3
1.3
CTH7VF-180K
18
1.0
11
.04
3.0
1.3
CTH7VF-220K
22
1.0
10
.05
2.7
1.3
CTH7VF-270K
27
1.0
7.0
.06
2.5
1.3
CTH7VF-330K
33
1.0
7.0
.08
2.2
1.0
CTH7VF-390K
39
1.0
7.0
.09
2.0
.80
CTH7VF-470K
47
1.0
6.0
.11
1.8
.80
CTH7VF-560K
56
1.0
6.0
.13
1.7
.80
CTH7VF-680K
68
1.0
7.0
.14
1.5
.80
CTH7VF-820K
82
1.0
4.0
.15
1.4
.80
CTH7VF-101K
100
1.0
3.0
.21
1.2
.63
CTH7VF-121K
120
1.0
3.0
.28
1.1
.51
CTH7VF-151K
150
1.0
3.0
.34
1.0
.51
CTH7VF-181K
180
1.0
3.0
.36
.95
.51
CTH7VF-221K
220
1.0
3.0
.43
.86
.51
CTH7VF-271K
270
1.0
2.0
.56
.77
.40
CTH7VF-331K
330
1.0
2.0
.67
.70
.40
CTH7VF-391K
390
1.0
2.0
.77
.64
.40
CTH7VF-471K
470
1.0
2.0
1.2
.59
.32
CTH7VF-561K
560
1.0
1.0
1.3
.54
.32
CTH7VF-681K
680
1.0
1.0
1.6
.49
.25
CTH7VF-821K
820
1.0
1.0
2.0
.44
.20
CTH7VF-102K
1000
1.0
1.0
2.3
.40
.20
CTH7VF-122K
1200
1.0
1.0
2.7
.35
.20
CTH7VF-152K
1500
1.0
.85
3.5
.33
.16
CTH7VF-182K
1800
1.0
.67
4.0
.29
.16
CTH7VF-222K
2200
1.0
.65
4.5
.27
.16
CTH7VF-272K
2700
1.0
.65
5.4
.24
.13
CTH7VF-332K
3300
1.0
.60
6.6
.22
.13
CTH7VF-392K
3900
1.0
.60
8.6
.20
.10
CTH7VF-472K
4700
1.0
.50
9.7
.18
.10
CTH7VF-562K
5600
1.0
.60
14
.16
.08
CTH7VF-682K
6800
1.0
.40
16
.15
.08
CTH7VF-822K
8200
1.0
.35
21
.13
.07
CTH7VF-103K
10000
1.0
.30
26
.12
.05
CTH7VF-123K
12000
1.0
.25
30
.11
.05
CTH7VF-153K
15000
1.0
.30
43
.10
.04
CTH7VF-183K
18000
1.0
.30
48
.09
.04
CTH7VF Series
From 3.9 µH to 18,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded power line inductor (clear varnish
coated)
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters. Various applications
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Bulk pack standard, Tape & Reel available. Lead
length (dimension C) is 20mm max. for parts packaged tape &
reel.
Marking: Marked with color dots
Saturation Current: Lowers inductance by 10%
Bobbin: High saturation, allows for high inductance with low
DC resistance
Miscellaneous: RoHS Compliant. Higher current parts available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTH7VF-121K

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH7003NS-T52 CTMICRO-CTH7003NS-T52 Datasheet
602Kb / 12P
   N-Channel Enhancement MOSFET
CTH7403NS-T52 CTMICRO-CTH7403NS-T52 Datasheet
810Kb / 11P
   N-Channel Enhancement MOSFET
logo
Central Technologies
CTH7F CT-CTH7F Datasheet
179Kb / 1P
   Power Line Chokes - Axial
CTH7F-100K CT-CTH7F-100K Datasheet
179Kb / 1P
   Power Line Chokes - Axial
CTH7F-101K CT-CTH7F-101K Datasheet
179Kb / 1P
   Power Line Chokes - Axial
More results

Similar Description - CTH7VF-121K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
CTH7F CT-CTH7F Datasheet
179Kb / 1P
   Power Line Chokes - Axial
CTH8F CT-CTH8F Datasheet
176Kb / 1P
   Power Line Chokes - Axial
CTH8HCF CT-CTH8HCF Datasheet
91Kb / 1P
   Power Line Chokes - Axial
CTH6F CT-CTH6F Datasheet
162Kb / 1P
   Power Line Chokes - Axial
CTH9F CT-CTH9F Datasheet
167Kb / 1P
   Power Line Chokes - Axial
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com