Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75123 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75123
Description  DUAL LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75123 Datasheet(HTML) 4 Page - Texas Instruments

  SN75123 Datasheet HTML 1Page - Texas Instruments SN75123 Datasheet HTML 2Page - Texas Instruments SN75123 Datasheet HTML 3Page - Texas Instruments SN75123 Datasheet HTML 4Page - Texas Instruments SN75123 Datasheet HTML 5Page - Texas Instruments SN75123 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN75123
DUAL LINE DRIVER
SLLS086C – SEPTEMBER 1973 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 4.75 V to 5.25 V, TA = 0°C to 70°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Input clamp voltage
VCC = 5 V,
II = –12 mA
–1.5
V
VI(BR) Input breakdown voltage
VCC = 5 V,
II = 10 mA
5.5
V
VOH
High level output voltage
VCC = 5 V, VIH = 2 V,
TA = 25°C
3.11
V
VOH
High-level output voltage
CC
,
IH
,
IOH = –59.3 mA, See Note 3
TA = 0°C to 70°C
2.9
V
VOL
Low-level output voltage
VIL = 0.8 V,
IOL = –240 µA,
See Note 3
0.15
V
IOH
High level output current
VCC =5V VIH =4 5V VOH =2V TA =25°C See Note 3
100
250
mA
IOH
High-level output current
VCC = 5 V, VIH = 4.5 V, VOH = 2 V, TA = 25°C, See Note 3
–100
–250
mA
IO(off)
Off-state output current
VCC = 0,
VO = 3 V
40
µA
IIH
High-level input current
VI = 4.5 V
40
µA
IIL
Low-level input current
VI = 0.4 V
–0.1
–1.6
mA
IOS
Short-circuit output current†
VCC = 5 V,
TA = 25°C
–30
mA
ICCH
Supply current, outputs high
VCC = 5.25 V,
All inputs at 2 V,
Outputs open
28
mA
ICCL
Supply current, outputs low
VCC = 5.25 V,
All inputs at 0.8 V,
Outputs open
60
mA
† Not more than one output should be shorted at a time.
NOTE 3: The output voltage and current limits are valid for any appropriate combination of high and low inputs specified by the function table
for the desired output.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
RL = 50 Ω,
CL = 15 pF,
See Figure 1
12
20
ns
tPHL
Propagation delay time, high- to low-level output
RL = 50 Ω,
CL = 15 pF,
See Figure 1
12
20
ns
tPLH
Propagation delay time, low- to high-level output
RL = 50 Ω,
CL = 100 pF, See Figure 1
20
35
ns
tPHL
Propagation delay time, high- to low-level output
RL = 50 Ω,
CL = 100 pF, See Figure 1
15
25
ns
PARAMETER MEASUREMENT INFORMATION
≤ 5 ns
0 V
VOH
VOL
3V
≤ 5 ns
Input
tPLH
Output
tPHL
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
Pulse
Generator
(see Note A)
3 V
VCC
CL
(see Note B)
RL = 50 Ω
90%
90%
1.5 V
1.5 V
10%
10%
1.5 V
1.5 V
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, tw = 200 ns, duty cycle = 50%.
B. CL Includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI1-SN75123 Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75123D TI1-SN75123D Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75123DR TI1-SN75123DR Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75123N TI1-SN75123N Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN75123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
   Dual Line Driver
logo
Texas Instruments
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
[Old version datasheet]   DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com