Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74S1051NE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74S1051NE4
Description  12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S1051NE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74S1051NE4 Datasheet HTML 1Page - Texas Instruments SN74S1051NE4 Datasheet HTML 2Page - Texas Instruments SN74S1051NE4 Datasheet HTML 3Page - Texas Instruments SN74S1051NE4 Datasheet HTML 4Page - Texas Instruments SN74S1051NE4 Datasheet HTML 5Page - Texas Instruments SN74S1051NE4 Datasheet HTML 6Page - Texas Instruments SN74S1051NE4 Datasheet HTML 7Page - Texas Instruments SN74S1051NE4 Datasheet HTML 8Page - Texas Instruments SN74S1051NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN74S1051
12-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDLS018B – SEPTEMBER 1990 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed to Reduce Reflection Noise
D Repetitive Peak Forward Current to 200 mA
D 12-Bit Array Structure Suited for
Bus-Oriented Systems
description/ordering information
This Schottky barrier diode bus-termination array
is designed to reduce reflection noise on memory
bus lines. This device consists of a 12-bit
high-speed Schottky diode array suitable for
clamping to VCC and/or GND.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74S1051N
SN74S1051N
SOIC
D
Tube
SN74S1051D
S1051
0
°C to 70°C
SOIC – D
Tape and reel
SN74S1051DR
S1051
SOP – NS
Tape and reel
SN74S1051NSR
74S1051
TSSOP – PW
Tape and reel
SN74S1051PWR
S1051
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
schematic diagrams
D01
2
D02
3
D03
4
D04
5
D05
6
D06
7
D07
10
D08
11
D09
12
D10
13
D11
14
D12
15
8
GND
9
GND
VCC
1
VCC
16
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
D01
D02
D03
D04
D05
D06
GND
VCC
D12
D11
D10
D09
D08
D07
GND


Similar Part No. - SN74S1051NE4

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
SN74S1051 CALMIRCO-SN74S1051 Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
SN74S1051R CALMIRCO-SN74S1051R Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
SN74S1051T CALMIRCO-SN74S1051T Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
More results

Similar Description - SN74S1051NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI1-SN74S1052_16 Datasheet
613Kb / 12P
[Old version datasheet]   16BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com