Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CTEP125S Datasheet(PDF) 1 Page - Central Technologies

Part No. CTEP125S
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTEP125S Datasheet(HTML) 1 Page - Central Technologies

  CTEP125S Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.03.07
SPECIFICATIONS
Parts are available in ±20% only.
* This indicates the current when the inductance decreases to 75% over it’s nominal value or DC current
when the temperature rising
ΔT=40°C lower, whichever is lower.
CTEP125SF Please specify “F” for RoHS compliant
L Test
DCR
Part
Inductance
Freq.
Max.
*Current
Number
(µH ±20%)
(kHz)
(m
Ω
Ω)
(A)
CTEP125S_-1R2M
1.2
100
2.5
17.0
CTEP125S_-1R5M
1.5
100
2.5
14.0
CTEP125S_-2R5M
2.5
100
3.4
10.0
CTEP125S_-4R0M
4.0
100
5.4
8.3
CTEP125S_-6R0M
6.0
100
8.0
6.7
CTEP125S_-8R2M
8.2
100
11.4
5.8
CTEP125S_-100M
10
100
13.5
5.0
CTEP125S Series
From 1.2 µH to 10 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD shielded power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Storage Temperature: -30°C to +100°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
G
H
Max.
Max.
Max.
mm
12.9
12.9
5.8
2.6±.2
7.0±.2
4.0±.2
4.2±.2
2.5±.2
inches
.51
.51
.23
.10±.01
.28±.01
.16±.01
0.17±0.1 .10±.01
PHYSICAL DIMENSIONS


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CDRH127B POWER INDUCTORS 1  2  Sumida Corporation
HM70 High Power Shielded Low Profile Surface Mount Inductors 1  2  3  Bi technologies
CT960AWF Power Inductors - Shielded 1  Central Technologies
CTCDRH3D16 Power Inductors - Shielded 1  Central Technologies
CTCDRH64B Power Inductors - Shielded 1  Central Technologies
SRU1048 Shielded SMD Power Inductors 1  2  Bourns Electronic Solutions
KMP_4700S Shielded Surface Mount Power Inductors 1  2  3  Murata Manufacturing Co., Ltd.
CTCDRH4D18 Power Inductors - Shielded 1  Central Technologies
CTCDRH73 Power Inductors - Shielded 1  Central Technologies
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn