Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDT3316PF-684 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDT3316PF-684
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDT3316PF-684 Datasheet(HTML) 1 Page - Central Technologies

  CTDT3316PF-684 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
11.17.05
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
12.95
9.4
5.08
2.54
2.54
7.62
inches
0.51
0.37
0.2
0.1
0.1
0.3
A
Parts will be marked with
Significant Digit Dots or Suffix Code
1st significant digit
2nd significant digit
Suffix code
3rd significant digit
B
C
D
E
F
PHYSICAL DIMENSIONS
CTDT3316 Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Ideal for high performance DC/DC converter
applications, computers, LCD displays and telecommunication
equipment. Especially those requiring shielding
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Suffix Code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Higher current parts available. Additional
electrical & physical information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
SPECIFICATIONS
SPECIFICATIONS
Max.
0 ADC
DCR
SRF
Inductance L Test
Current
Energy
Max.
Part
Inductance
Max.
Typ.
Rating
Freq.
Rating
Storage
Switch
Number
(µH±20%)
(
Ω
Ω)
(MHz)
(µH)
(kHz)
(A)
(µJoules)
Freq.
CTDT3316P_-102
1.0
.025
60
.50
100
5.0
9.0
1 MHz
CTDT3316P_-152
1.5
.030
55
.70
100
5.0
12
1 MHz
CTDT3316P_-222
2.2
.035
55
1.0
100
5.0
15
1 MHz
CTDT3316P_-332
3.3
.040
50
1.5
100
5.0
16
1 MHz
CTDT3316P_-472
4.7
.045
45
2.0
100
3.0
10
1 MHz
CTDT3316P_-682
6.8
.050
40
4.0
100
2.5
14
1 MHz
CTDT3316P_-103
10
.055
35
5.0
100
2.0
11
1 MHz
CTDT3316P_-153
15
.060
25
6.0
100
1.8
12
1 MHz
CTDT3316P_-223
22
.084
22
10
100
1.5
11
1 MHz
CTDT3316P_-333
33
.090
18
12
100
1.3
13
1 MHz
CTDT3316P_-473
47
.110
16
27
100
1.0
13
1 MHz
CTDT3316P_-683
68
.150
12
40
100
.90
17
1 MHz
CTDT3316P_-104
100
.290
9
50
100
.80
15
1 MHz
CTDT3316P_-154
150
.360
8
80
100
.60
15
500 kHz
CTDT3316P_-224
220
.390
6
90
100
.50
10
500 kHz
CTDT3316P_-334
330
.730
5
150
100
.40
13
500 kHz
CTDT3316P_-474
470
.880
4
200
100
.35
13
500 kHz
CTDT3316P_-684
680
1.15
3
300
100
.30
13
500 kHz
CTDT3316P_-105
1000
1.45
2.5
420
100
.25
13
500 kHz
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDT3316PF Please specify “F” for RoHS Compliant
RoHS
Compliant
Available


Similar Part No. - CTDT3316PF-684

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDT3316F CT-CTDT3316F Datasheet
222Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTDT3316PF-684

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com