Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74S1051DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74S1051DG4
Description  12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74S1051DG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74S1051DG4 Datasheet HTML 1Page - Texas Instruments SN74S1051DG4 Datasheet HTML 2Page - Texas Instruments SN74S1051DG4 Datasheet HTML 3Page - Texas Instruments SN74S1051DG4 Datasheet HTML 4Page - Texas Instruments SN74S1051DG4 Datasheet HTML 5Page - Texas Instruments SN74S1051DG4 Datasheet HTML 6Page - Texas Instruments SN74S1051DG4 Datasheet HTML 7Page - Texas Instruments SN74S1051DG4 Datasheet HTML 8Page - Texas Instruments SN74S1051DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74S1051
12-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDLS018B – SEPTEMBER 1990 – REVISED MARCH 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
90%
10%
DUT
tr
VFM
(See Note A)
(See Note B)
50
450
Pulse
Generator
VF
Sampling
Oscilloscope
Input Pulse
(See Note A)
Output
Waveform
(See Note B)
NOTES: A. The input pulse is supplied by a pulse generator having the following characteristics: tr = 20 ns, ZO = 50 Ω, freq = 500 Hz,
duty cycle = 1%.
B. The output waveform is monitored by an oscilloscope having the following characteristics: tr ≤ 350 ps, Ri = 50 Ω, Ci ≤ 5 pF.
Figure 1. Forward Recovery Voltage
IF
DUT
90%
10%
tf
If
Pulse
Generator
(See Note A)
(See Note B)
IR(REC)
trr
IRM(REC)
Sampling
Oscilloscope
Input Pulse
(See Note A)
Output
Waveform
(See Note B)
0
NOTES: A. The input pulse is supplied by a pulse generator having the following characteristics: tf = 0.5 ns, ZO = 50 Ω, tw ≥ 50 ns,
duty cycle = 1%.
B. The output waveform is monitored by an oscilloscope having the following characteristics: tr ≤ 350 ps, Ri = 50 Ω, Ci ≤ 5 pF.
Figure 2. Reverse Recovery Time


Similar Part No. - SN74S1051DG4

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
SN74S1051 CALMIRCO-SN74S1051 Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
SN74S1051R CALMIRCO-SN74S1051R Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
SN74S1051T CALMIRCO-SN74S1051T Datasheet
172Kb / 2P
   12-BIT SCHOTTKY BARRIER DIODE BUS TERMINATOR
More results

Similar Description - SN74S1051DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI1-SN74S1052_16 Datasheet
613Kb / 12P
[Old version datasheet]   16BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com