Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTEP105S Datasheet(PDF) 1 Page - Central Technologies

Part # CTEP105S
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTEP105S Datasheet(HTML) 1 Page - Central Technologies

  CTEP105S Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.25.05
SPECIFICATIONS
CTEP105SF Please specify “F” for RoHS compliant
* The actual current when temperature of coil becomes
∆T=40°C (Ta=20°C)
L Test
DCR
*Temp. Rise
Part
Inductance
Freq.
Max.
Current(typ.)
Number
(µH ±20%)
(kHz)
(m
Ω)
(A)
CTEP105S_-0R2N
0.22±30%
100
1.7
19.0
CTEP105S_-0R4M
0.45
100
2.4
17.7
CTEP105S_-0R8M
0.8
100
4.1
13.0
CTEP105S_-1R3M
1.3
100
5.3
11.2
CTEP105S_-1R8M
1.8
100
7.5
9.0
CTEP105S_-2R5M
2.5
100
10.5
7.8
CTEP105S_-3R2M
3.2
100
12.4
7.4
CTEP105S_-4R0M
4.0
100
18.0
6.2
CTEP105S_-5R0M
5.0
100
23.8
4.9
CTEP105S Series
From 0.22 µH to 5.0 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD shielded power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±20%, ±30%
Testing: Tested on a HP4285A at 100 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Parts are marked with inductance code
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
11.0
3.8 2.9
2.0
Unit: mm
A
D
C
B
E F
G
H
J
H
Size
A
B
C
D
E
F
G
H
J
Max.
Max.
Max.
mm
10.4
10.4
5.6
5.5
2.9
3.8
1.4
2.6
5.5
inches
.409
.409
.22
.217
.114
.150
.055
.102
.217
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTEP105S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTEP105SF CT-CTEP105SF Datasheet
390Kb / 1P
   Power Inductors - Shielded
CTEP105SF-0R2N CT-CTEP105SF-0R2N Datasheet
390Kb / 1P
   Power Inductors - Shielded
CTEP105SF-0R4M CT-CTEP105SF-0R4M Datasheet
390Kb / 1P
   Power Inductors - Shielded
CTEP105SF-0R8M CT-CTEP105SF-0R8M Datasheet
390Kb / 1P
   Power Inductors - Shielded
CTEP105SF-1R3M CT-CTEP105SF-1R3M Datasheet
390Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTEP105S

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com