Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDSS0805-561K Datasheet(PDF) 1 Page - Central Technologies

Part # CTDSS0805-561K
Description  Power Inductors - Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDSS0805-561K Datasheet(HTML) 1 Page - Central Technologies

  CTDSS0805-561K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
05.01.06
Size
A
B
C
D
E
F
mm
8.0±0.2
10.5±0.2
4.5±0.3
2.1±0.2
2.0±0.2
6.0±0.3
inches
0.31±0.008
0.41±0.008
0.18±0.012
0.08±0.008
0.08±0.008
0.24±0.012
PHYSICAL DIMENSIONS
A
Inductance
Code
B
C
E
D
D
F
L Test
Q
Q Test
SRF
DCR
Rated DC
Part
Inductance
Freq.
Fact.
Freq.
Nom.
Max.
Max.
Number
(µH)
(kHz)
Nom.
(MHz)
(MHz)
(
Ω
Ω)
(A)
CTDSS0805_-2R2M
2.2
1.0
18
7.96
75.0
.040
2.50
CTDSS0805_-3R3M
3.3
1.0
20
7.96
60.0
.050
2.30
CTDSS0805_-3R9M
3.9
1.0
20
7.96
50.0
.055
2.10
CTDSS0805_-4R7M
4.7
1.0
24
7.96
45.0
.062
2.00
CTDSS0805_-5R6M
5.6
1.0
20
7.96
40.0
.065
1.95
CTDSS0805_-8R2M
8.2
1.0
19
7.96
32.0
.080
1.75
CTDSS0805_-100M
10
1.0
40
2.52
28.0
.100
1.50
CTDSS0805_-120M
12
1.0
40
2.52
24.0
.120
1.40
CTDSS0805_-150M
15
1.0
40
2.52
22.0
.140
1.30
CTDSS0805_-180L
18
1.0
40
2.52
19.0
.160
1.20
CTDSS0805_-220L
22
1.0
38
2.52
17.0
.180
1.10
CTDSS0805_-270L
27
1.0
35
2.52
15.5
.200
1.00
CTDSS0805_-330L
33
1.0
40
2.52
13.5
.240
0.92
CTDSS0805_-390L
39
1.0
35
2.52
12.0
.260
0.84
CTDSS0805_-470L
47
1.0
32
2.52
10.5
.280
0.75
CTDSS0805_-560K
56
1.0
30
2.52
9.50
.380
0.68
CTDSS0805_-680K
68
1.0
28
2.52
9.00
.440
0.60
CTDSS0805_-820K
82
1.0
28
2.52
8.50
.550
0.54
CTDSS0805_-101K
100
1.0
45
.796
7.50
.600
0.50
CTDSS0805_-121K
120
1.0
42
.796
7.00
.750
0.45
CTDSS0805_-151K
150
1.0
39
.796
6.50
.900
0.40
CTDSS0805_-181K
180
1.0
41
.796
4.80
1.05
0.35
CTDSS0805_-221K
220
1.0
38
.796
4.50
1.18
0.30
CTDSS0805_-271K
270
1.0
37
.796
4.20
1.40
0.27
CTDSS0805_-331K
330
1.0
36
.796
3.80
1.80
0.24
CTDSS0805_-471K
470
1.0
34
.796
3.50
2.25
0.20
CTDSS0805_-561K
560
1.0
32
.796
3.00
3.00
0.18
CTDSS0805_-681K
680
1.0
32
.796
2.80
3.40
0.17
CTDSS0805_-821K
820
1.0
35
.796
2.50
4.00
0.16
CTDSS0805_-102K
1000
1.0
35
.252
2.20
5.00
0.15
CTDSS0805 Series
From 2.2 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Ideal for high performance DC/DC converter
applications, computers, LCD displays and telecommunication
equipment. Especially those requiring shielding and low profiles
Operating Temperature: -25°C to +105°C
Storage Temperature: -40°C to +125°C
Inductance Tolerance: ±10%, ±15% & ±20%
Testing: Inductance and Q are tested on an HP4284A or
HP4285A at specified frequency
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Rated Current: Based on temperature rise
Temperature Rise: 40°C Max. @ rated DC
Resistance to Solder Heat: 260°C 10 sec
Miscellaneous: RoHS Compliant available. Magnetically shielded.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
5.7
2.2
2.4
Unit: mm
SPECIFICATIONS
Part numbers indicate available tolerance.
K = ±10%, L = ±15% M = ±20%
CTDSS0805F Please specify “F” for RoHS compliant.
RoHS
Compliant
Available


Similar Part No. - CTDSS0805-561K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDSS0805F CT-CTDSS0805F Datasheet
220Kb / 1P
   Power Inductors - Shielded
More results

Similar Description - CTDSS0805-561K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com