Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSLR-N305WW4-B0 Datasheet(PDF) 5 Page - China Semiconductor Corporation

Part No. CSLR-N305WW4-B0
Description  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N305WW4-B0 Datasheet(HTML) 5 Page - China Semiconductor Corporation

  CSLR-N305WW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N305WW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N305WW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N305WW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N305WW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N305WW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25℃
℃ Unless Otherwise Noted)
Fig 6.
Page:
4/5
http://www.csctw.com.tw
Model No:
:CSLR-N305WW4-B0
PS-LL-N305WW4-B0
A
Fig 1. Forward Current
Vs. Ambient Temperature
0
25
50
75
100
10
20
30
40
Ambient Temperature Ta (°C)
0
1
2
3
4
5
10
15
20
25
30
Forward Voltage VF (V)
0
5
10
15
20
25
30
25
50
75
100
125
150
Forward Current IF (mA DC)
Forward Voltage (V)
0
25
50
100
75
1
2
3
4
5
6
Fig 1. Forward Current
Vs. Ambient Temperature
Fig 2. Forward Current
Vs. Forward Voltage
Fig 2. Forward Current
Vs. Forward Voltage
Fig 3. Relative Intensity
Vs. Forward Current
Fig 4. Peark Forward Voltage
Vs.Forward Current
Fig 3. Relative Intensity
Vs. Forward Current
Fig 4. Peark Forward Voltage
Vs.Forward Current
(100us test pulse,1% duty cycle)
Fig 5. Relative Intensity Vs. Wavelength
Relative Luminous Intensity vs.Radiation Angle
Wavelength (nm)
700
400
0
350
550
450500
600 650
0.8
0.4
0.6
0.2
1.2
1.0
750 800
-90°
Radiation
Angle
-60°-30°
0° -30°-60° -90°
1
0
0.5


Similar Part No. - CSLR-N305WW4-B0

ManufacturerPart No.DatasheetDescription
China Semiconductor Corporation
China Semiconductor Cor...
CSLR-N305WW4-A0 CHINASEMI-CSLR-N305WW4-A0 Datasheet
282Kb / 6P
   LED
More results

Similar Description - CSLR-N305WW4-B0

ManufacturerPart No.DatasheetDescription
Hamamatsu Corporation
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
OSRAM GmbH
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
List of Unclassifed Manufacturers
List of Unclassifed Man...
HUWH-5101L ETC2-HUWH-5101L Datasheet
122Kb / 1P
   LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BPR-105 BRIGHT-BPR-105 Datasheet
100Kb / 4P
   LED
DOMINANT Semiconductors
DOMINANT Semiconductors
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60SWA4-A2 CHINASEMI-CSHV-NL60SWA4-A2 Datasheet
504Kb / 9P
   LED
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
CSHV-NL60WWA4-A2 CHINASEMI-CSHV-NL60WWA4-A2 Datasheet
503Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
CSLO-N54SSB1-QA0R CHINASEMI-CSLO-N54SSB1-QA0R Datasheet
423Kb / 7P
   LED
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com