Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44516-0013 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44516-0013
Description  Mini-Fit, BMI??Slide-and-Lock Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44516-0013 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44516-0013 Datasheet HTML 1Page - Molex Electronics Ltd. 44516-0013 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
4.20mm (.165”) Pitch
Mini-Fit, BMI™
Slide-and-Lock Receptacle
44516
Dual Row, Panel Mount
Locking tabs and thumb latch facilitate
mounting to and removal from panel
s
Power Supplies
s
Fan Tray Assemblies
s
Backplane Applications
s
Gaming Equipment
s
Vending Machines
ORDERING INFORMATION
Order No.
Circuit Size
44516-0009
18
44516-0012
24
44516-0013
36
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com/product/power/mf.html
Order No. USA-197
Printed in USA/2.5K/JI/JI/2003.06
©
2003, Molex


Similar Part No. - 44516-0013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44516-0013 MOLEX11-44516-0013 Datasheet
70Kb / 2P
   Mini-Fit짰 BMI Receptacle Housing, 4.20mm Pitch, Dual Row, Panel Mount, Slide-and-
More results

Similar Description - 44516-0013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44516-0003 MOLEX11-44516-0003 Datasheet
71Kb / 2P
   Mini-Fit짰 BMI Receptacle Housing, 4.20mm Pitch, Dual Row, Panel Mount, Slide-and-
44516-0013 MOLEX11-44516-0013 Datasheet
70Kb / 2P
   Mini-Fit짰 BMI Receptacle Housing, 4.20mm Pitch, Dual Row, Panel Mount, Slide-and-
0445160012 MOLEX11-0445160012 Datasheet
248Kb / 2P
   PANEL-MOUNT RECEPTACLE 18-24 CIRCUIT BLIND MATE MINI-FIT SLIDE N LOCK
0445160009 MOLEX11-0445160009 Datasheet
248Kb / 2P
   PANEL-MOUNT RECEPTACLE 18-24 CIRCUIT BLIND MATE MINI-FIT SLIDE N LOCK
0438790034 MOLEX11-0438790034 Datasheet
198Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
0438790038 MOLEX11-0438790038 Datasheet
198Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
438790022 MOLEX-438790022 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
0438790043 MOLEX11-0438790043 Datasheet
198Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
0015060042 MOLEX1-0015060042 Datasheet
95Kb / 1P
   PLNEL MNT RECEPTACLE MINI-FIT BMI SERIES FOR .094 MAX. THICK PANEL
0015060046 MOLEX1-0015060046 Datasheet
423Kb / 5P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com