Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSLR-N55FWW4-A0 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part No. CSLR-N55FWW4-A0
Description  LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N55FWW4-A0 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSLR-N55FWW4-A0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N55FWW4-A0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N55FWW4-A0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N55FWW4-A0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N55FWW4-A0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N55FWW4-A0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
■LED Type
: Lighting LED Lamp
■LED Package : Round LED Lamp
■Emitting Color: Warm White
■Viewing Angle:110°
■No Stopper
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-88623888
Fax:886-2-2223-9377
Fax:86-0575-88623112
CUSTOMER
APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
http://www.csctw.com.tw
PS-LL-N55FWW4-A0
A
Model No:
:CSLR-N55FWW4-A0


Similar Part No. - CSLR-N55FWW4-A0

ManufacturerPart No.DatasheetDescription
China Semiconductor Corporation
China Semiconductor Cor...
CSLR-N55FWW4-B0 CHINASEMI-CSLR-N55FWW4-B0 Datasheet
274Kb / 6P
   LED
More results

Similar Description - CSLR-N55FWW4-A0

ManufacturerPart No.DatasheetDescription
Hamamatsu Corporation
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
OSRAM GmbH
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
List of Unclassifed Manufacturers
List of Unclassifed Man...
HUWH-5101L ETC2-HUWH-5101L Datasheet
122Kb / 1P
   LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BPR-105 BRIGHT-BPR-105 Datasheet
100Kb / 4P
   LED
DOMINANT Semiconductors
DOMINANT Semiconductors
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60SWA4-A2 CHINASEMI-CSHV-NL60SWA4-A2 Datasheet
504Kb / 9P
   LED
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
CSHV-NL60WWA4-A2 CHINASEMI-CSHV-NL60WWA4-A2 Datasheet
503Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
CSLO-N54SSB1-QA0R CHINASEMI-CSLO-N54SSB1-QA0R Datasheet
423Kb / 7P
   LED
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com