Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSLO-N54SSB1-QA0R Datasheet(PDF) 5 Page - China Semiconductor Corporation

Part No. CSLO-N54SSB1-QA0R
Description  LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLO-N54SSB1-QA0R Datasheet(HTML) 5 Page - China Semiconductor Corporation

  CSLO-N54SSB1-QA0R Datasheet HTML 1Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 2Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 3Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 4Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 5Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 6Page - China Semiconductor Corporation CSLO-N54SSB1-QA0R Datasheet HTML 7Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25
℃ Unless Otherwise Noted)
Fig 6.
Page
4/6
PS-LO-N55SSB1-QA0R
A
http://www.csctw.com.tw
Model No
:CSLO-N54SSB1-QA0R
90°
0%
50%
100%
30°
60°
0%
70°
100%
50%
50°
40°
60°
30°
20°
10°
90°
80°
V-V
H-H
Relative Intensity vs.Wavelength
Relative Intensity vs.Forward Current
30
1.2
Forward Current vs.Ambient Temperature
TA - Ambient Temperature -°C
VF - Forward Voltage - V
1.0
40
10
0
0
20
20
30
0
10
0
5
20
15
1.2
60
40
80
100
500
Wavelength - nm
0
400
0.2
450
600
550
650
0.6
0.4
1.0
0.8
TA=25°C
IF=20mA
4.0
3.0
2.0
20
25
15
10
5
0
DC Forward Current - mA
0.6
0.4
0
0.2
1.0
0.8
Forward Current vs.Forward Voltage
TA=25°C
30
25
1.6
1.4
TA=25°C
350
Relative Luminous Intensity vs.Radiation Angle


Similar Part No. - CSLO-N54SSB1-QA0R

ManufacturerPart No.DatasheetDescription
China Semiconductor Corporation
China Semiconductor Cor...
CSLO-N54STG1-QA0R CHINASEMI-CSLO-N54STG1-QA0R Datasheet
430Kb / 7P
   LED
More results

Similar Description - CSLO-N54SSB1-QA0R

ManufacturerPart No.DatasheetDescription
Hamamatsu Corporation
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
OSRAM GmbH
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
List of Unclassifed Manufacturers
List of Unclassifed Man...
HUWH-5101L ETC2-HUWH-5101L Datasheet
122Kb / 1P
   LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BPR-105 BRIGHT-BPR-105 Datasheet
100Kb / 4P
   LED
DOMINANT Semiconductors
DOMINANT Semiconductors
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60SWA4-A2 CHINASEMI-CSHV-NL60SWA4-A2 Datasheet
504Kb / 9P
   LED
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
CSHV-NL60WWA4-A2 CHINASEMI-CSHV-NL60WWA4-A2 Datasheet
503Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com