Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDO5040F-332M Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO5040F-332M
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO5040F-332M Datasheet(HTML) 1 Page - Central Technologies

  CTDO5040F-332M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.07.06
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
18.54
15.24
11.43
2.54
2.54
12.7
inches
0.73
0.6
0.450
0.1
0.1
0.5
A
B
C
Marking: Inductance Code
XXX
E
F
D
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
L Test
DCR
Irated
Isat
Part
Inductance
Freq.
Max.
Max.
Max.
Number
(µH)
(kHz)
(m
Ω
Ω)
(A)
(A)
CTDO5040F-681M
0.68
100
2.0
20.0
64
CTDO5040F-122M
1.20
100
2.6
17.7
48
CTDO5040F-222M
2.20
100
3.7
14.7
35
CTDO5040F-332M
3.30
100
4.3
13.7
29
CTDO5040F-392M
3.90
100
6.7
11.7
26
CTDO5040F-472M
4.70
100
6.9
10.8
24
CTDO5040F-682M
6.80
100
9.8
9.0
20
CTDO5040F-103M
10.0
100
15
7.1
16
CTDO5040F-183M
18.0
100
25
6.0
13
CTDO5040F-223M
22.0
100
27
5.4
11
CTDO5040F-333M
33.0
100
42
4.4
9
CTDO5040F-393M
39.0
100
50
4.0
8
CTDO5040F-473M
47.0
100
55
3.5
7
CTDO5040F-104M
100
100
153
2.3
5
CTDO5040F-154M
150
100
200
2.0
4
CTDO5040F Series
From 0.68 µH to 150 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment. Designed for the higher current
requirements of portable computers
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
12.7
2.79
2.92
Unit: mm
RoHS
Compliant


Similar Part No. - CTDO5040F-332M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO5022 CT-CTDO5022 Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CTDO5022F CT-CTDO5022F Datasheet
439Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
CTDO5022HCF CT-CTDO5022HCF Datasheet
150Kb / 1P
   Power Inductors - Unshielded
CTDO5022P-102 CT-CTDO5022P-102 Datasheet
179Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO5040F-332M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com