Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSHV-NL60WWA4-A2 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSHV-NL60WWA4-A2
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSHV-NL60WWA4-A2 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSHV-NL60WWA4-A2 Datasheet HTML 1Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 2Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 3Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 4Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 5Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 6Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 7Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 8Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 9Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Features -
1. High Luminous Output
:80 lm
3. RoHs Compliant
4. Compatible Lead-Free Reflow Solder
5. ESD>8KV(HBM)
5. Standard Collimator Compatible
6. Low thermal resistance (junction to Case)
:10 ℃/W
■ Device Selection Guide -
■ Package Outline Dimensions -
Notes: Tolerance of measurement of Dimension: ±0.25mm
Page
1/8
Part No.
Emitted Color
LED Lens
http://www.csctw.com.tw
PS-0805-006
A
CSHV-NL60WWA4-A2
2. Silicone Encapsulation
Model No
:CSHV-NL60WWA4-A2
InGaN
Warm White
Material
Water Transparent


Similar Part No. - CSHV-NL60WWA4-A2

ManufacturerPart #DatasheetDescription
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60WWG4-A2 CHINASEMI-CSHV-NL60WWG4-A2 Datasheet
508Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
More results

Similar Description - CSHV-NL60WWA4-A2

ManufacturerPart #DatasheetDescription
Hamamatsu Corporation
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
OSRAM GmbH
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
List of Unclassifed Manufacturers
List of Unclassifed Man...
HUWH-5101L ETC2-HUWH-5101L Datasheet
122Kb / 1P
   LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BPR-105 BRIGHT-BPR-105 Datasheet
100Kb / 4P
   LED
DOMINANT Semiconductors
DOMINANT Semiconductors
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60SWA4-A2 CHINASEMI-CSHV-NL60SWA4-A2 Datasheet
504Kb / 9P
   LED
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
CSLO-N54SSB1-QA0R CHINASEMI-CSLO-N54SSB1-QA0R Datasheet
423Kb / 7P
   LED
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com