Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSHV-NL60WWA4-A2 Datasheet(PDF) 6 Page - China Semiconductor Corporation

Part # CSHV-NL60WWA4-A2
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSHV-NL60WWA4-A2 Datasheet(HTML) 6 Page - China Semiconductor Corporation

  CSHV-NL60WWA4-A2 Datasheet HTML 1Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 2Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 3Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 4Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 5Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 6Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 7Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 8Page - China Semiconductor Corporation CSHV-NL60WWA4-A2 Datasheet HTML 9Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25
℃ Unless Otherwise Noted)
Page
5/8
Model No
:CSHV-NL60WWA4-A2
http://www.csctw.com.tw
A
PS-0805-006
90
60
50
70
80
120
110
100
130
140
150
Junction Temperature, Tj(
°C)
-20
0
20
40
60
80
100
120
0.6
0.4
0.0
0.2
200
IF - Average Forward Current(mA)
100
0
300
400
1.2
0.8
1.0
300
0.0
50
0
150
100
200
VF - Forward Voltage(Volts)
400
1.0
2.0
3.0
4.0
5.0
6.0
0
150
100
50
200
250
300
400
350
TA - Ambient Temperature
(°C)
Maximum Forward Current
vs. Ambient Temperature.
Derating based on TJMAX =120
°C
0
20
40
80
60
100
RθJ-A=50℃/W
RθJ-A=40℃/W
RθJ-A=30℃/W
Fig 1. Relative Luminous FLux
vs. Forward Current
Fig 3.
Forward Current
vs. Forward Voltage
Fig 2.
Relative Light Output
vs. Junction Temperature
Fig 4.
500
500
1.4
600
700
600
700
1.6
7.0
0.4
0.2
0.0
400
450
1.0
0.8
0.6
Wavelength (nm)
550
500
600
700
650
Relative Spectral Power Distribution
vs. Wavelength
Fig 5.


Similar Part No. - CSHV-NL60WWA4-A2

ManufacturerPart #DatasheetDescription
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60WWG4-A2 CHINASEMI-CSHV-NL60WWG4-A2 Datasheet
508Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
More results

Similar Description - CSHV-NL60WWA4-A2

ManufacturerPart #DatasheetDescription
Hamamatsu Corporation
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
OSRAM GmbH
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
List of Unclassifed Manufacturers
List of Unclassifed Man...
HUWH-5101L ETC2-HUWH-5101L Datasheet
122Kb / 1P
   LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BPR-105 BRIGHT-BPR-105 Datasheet
100Kb / 4P
   LED
DOMINANT Semiconductors
DOMINANT Semiconductors
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60SWA4-A2 CHINASEMI-CSHV-NL60SWA4-A2 Datasheet
504Kb / 9P
   LED
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
CSLO-N54SSB1-QA0R CHINASEMI-CSLO-N54SSB1-QA0R Datasheet
423Kb / 7P
   LED
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com