Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCC3245APWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVCC3245APWLE
Description  OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC3245APWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCC3245APWLE Datasheet HTML 3Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 4Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 5Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 6Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 7Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 8Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 9Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 10Page - Texas Instruments SN74LVCC3245APWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION FOR A PORT
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VOH
VOL
th
tsu
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + 0.15 V
VOH - 0.15 V
0 V
VCC
0 V
0 V
tw
VCC
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VCC
VCC/2
tPHL
VCC/2
VCC/2
VCC
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
SN74LVCC3245A
OCTAL BUS TRANSCEIVER
WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS585O – NOVEMBER 1996 – REVISED MARCH 2005
V
CCA = 2.5 V ± 0.2 V AND VCCB = 3.3 V ± 0.3 V
Figure 1. Load Circuit and Voltage Waveforms
7


Similar Part No. - SN74LVCC3245APWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC3245APWLE TI1-SN74LVCC3245APWLE Datasheet
1Mb / 30P
[Old version datasheet]   Octal Bus Transceiver
More results

Similar Description - SN74LVCC3245APWLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_05 Datasheet
106Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP Datasheet
654Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC3245A RENESAS-HD74LVCC3245A_15 Datasheet
134Kb / 13P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
HD74LVCC3245A RENESAS-HD74LVCC3245A Datasheet
135Kb / 11P
   Octal Bus Transceiver with adjustable output voltage and 3-state Outputs
logo
Texas Instruments
SN74LVCC3245 TI-SN74LVCC3245 Datasheet
111Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245ADBR TI-SN74LVCC4245ADBR Datasheet
311Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com