Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH32245AGKE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVCH32245AGKE
Description  32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH32245AGKE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCH32245AGKE Datasheet HTML 1Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 2Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 3Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 4Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 5Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 6Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 7Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 8Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74LVCH32245A
32-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS616A – OCTOBER 1998 – REVISED JUNE 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down-Mode
Operation
D Supports Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
3.3-V VCC)
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D Packaged in Plastic Fine-Pitch Ball Grid
Array Package
description
This 32-bit (dual-octal) noninverting bus transceiver is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVCH32245A is designed for asynchronous communication between data buses. The
control-function implementation minimizes external timing requirements.
This device can be used as four 8-bit transceivers, two 16-bit transceivers, or one 32-bit transceiver. It allows
data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at
the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so that the
buses are effectively isolated.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The SN74LVCH32245A is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each 8-bit section)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.


Similar Part No. - SN74LVCH32245AGKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH32245AGKER TI1-SN74LVCH32245AGKER Datasheet
795Kb / 13P
[Old version datasheet]   32-BIT BUS TRANSCEIVER
More results

Similar Description - SN74LVCH32245AGKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC32245 TI-SN74LVC32245 Datasheet
264Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR32245A TI-SN74LVCHR32245A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH32245ZKER TI1-74ALVCH32245ZKER Datasheet
770Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR32245A TI-SN74LVCR32245A Datasheet
276Kb / 10P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com