Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCH32245AGKE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVCH32245AGKE
Description  32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH32245AGKE Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVCH32245AGKE Datasheet HTML 1Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 2Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 3Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 4Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 5Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 6Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 7Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 8Page - Texas Instruments SN74LVCH32245AGKE Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74LVCH32245A
32-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS616A – OCTOBER 1998 – REVISED JUNE 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
3.6
V
VCC
Supply voltage
Data retention only
1.5
V
VCC = 1.65 V to 1.95 V
0.65
× VCC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× VCC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3 state
0
5.5
V
VCC = 1.65 V
–4
IOH
High level output current
VCC = 2.3 V
–8
mA
IOH
High-level output current
VCC = 2.7 V
–12
mA
VCC = 3 V
–24
VCC = 1.65 V
4
IOL
Low level output current
VCC = 2.3 V
8
mA
IOL
Low-level output current
VCC = 2.7 V
12
mA
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LVCH32245AGKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH32245AGKER TI1-SN74LVCH32245AGKER Datasheet
795Kb / 13P
[Old version datasheet]   32-BIT BUS TRANSCEIVER
More results

Similar Description - SN74LVCH32245AGKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ32245A TI-SN74LVCZ32245A Datasheet
295Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC32245 TI-SN74LVC32245 Datasheet
264Kb / 9P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32245 TI-SN74ALVCH32245 Datasheet
123Kb / 8P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR32245A TI-SN74LVCHR32245A Datasheet
251Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH32245ZKER TI1-74ALVCH32245ZKER Datasheet
770Kb / 11P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR32245A TI-SN74LVCR32245A Datasheet
276Kb / 10P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245 Datasheet
126Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com