Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDO3316P-333 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO3316P-333
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO3316P-333 Datasheet(HTML) 1 Page - Central Technologies

  CTDO3316P-333 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.06.05
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
12.95
9.4
5.2
2.54
2.54
7.62
inches
0.51
0.37
0.2
0.1
0.1
0.3
A
1st significant digit
2nd significant digit
Ind. Code
3rd significant digit
B
C
D
E
F
Parts will be marked with
Significant Digit Dots OR Inductance Code
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDO3316PF Please specify “F” for RoHS compliant
L Test
Part
Inductance
Freq.
DCR
SRF
Isat
Irms
Number
(µH)
(kHz)
(
Ω)
(MHz)
(A)
(A)
CTDO3316P_-102
1.0
100
.01
100
9.0
6.8
CTDO3316P_-152
1.5
100
.01
90
8.0
6.4
CTDO3316P_-222
2.2
100
.01
80
7.0
6.1
CTDO3316P_-332
3.3
100
.02
65
6.4
5.4
CTDO3316P_-472
4.7
100
.02
45
5.4
4.8
CTDO3316P_-682
6.8
100
.03
38
4.6
4.4
CTDO3316P_-103
10
100
.04
30
3.8
3.9
CTDO3316P_-153
15
100
.05
27
3.0
3.1
CTDO3316P_-223
22
100
.09
19
2.6
2.7
CTDO3316P_-333
33
100
.10
15
2.0
2.1
CTDO3316P_-473
47
100
.14
12
1.6
1.8
CTDO3316P_-683
68
100
.20
10
1.4
1.5
CTDO3316P_-104
100
100
.30
9.0
1.2
1.3
CTDO3316P_-154
150
100
.40
6.0
1.0
1.0
CTDO3316P_-224
220
100
.60
5.0
.80
.80
CTDO3316P_-334
330
100
1.0
4.5
.60
.60
CTDO3316P_-474
470
100
1.3
3.5
.50
.50
CTDO3316P_-684
680
100
2.0
2.5
.40
.40
CTDO3316P_-105
1000
100
3.0
2.0
.30
.30
CTDO3316P_-155
1500
100
5.0
1.0
.27
.25
CTDO3316 Series
From 1.0 µH to 1,500 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops.
Operating Temperature: -40°C to +125°C
∆∆T: 40°C typically at Irms
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #8


Similar Part No. - CTDO3316P-333

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316P-333HC CT-CTDO3316P-333HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO3316P-333

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com