Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDO1608C-154 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO1608C-154
Description  Power Inductors - Unshielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO1608C-154 Datasheet(HTML) 1 Page - Central Technologies

  CTDO1608C-154 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDO1608CF Please specify “F” for RoHS compliant
L Test
SRF
Part
Inductance
Freq.
DCR
Typ.
Isat
Irms
Number
(µH)
(kHz)
(
Ω)
(MHz)
(A)
(A)
CTDO1608C_-102
1.0
100
.05
130
2.9
2.9
CTDO1608C_-152
1.5
100
.05
115
2.6
2.8
CTDO1608C_-222
2.2
100
.07
90
2.3
2.4
CTDO1608C_-332
3.3
100
.08
70
2.0
2.0
CTDO1608C_-472
4.7
100
.09
50
1.5
1.5
CTDO1608C_-682
6.8
100
.13
45
1.2
1.4
CTDO1608C_-103
10
100
.16
35
1.1
1.1
CTDO1608C_-153
15
100
.23
30
.90
1.2
CTDO1608C_-223
22
100
.37
20
.70
.80
CTDO1608C_-333
33
100
.51
15
.58
.60
CTDO1608C_-473
47
100
.64
14
.50
.50
CTDO1608C_-683
68
100
.86
11
.40
.40
CTDO1608C_-104
100
100
1.3
9.0
.31
.30
CTDO1608C_-154
150
100
2.0
6.0
.27
.25
CTDO1608C_-224
220
100
3.1
5.5
.22
.20
CTDO1608C_-334
330
100
3.8
5.0
.18
.16
CTDO1608C_-474
470
100
5.1
4.0
.16
.15
CTDO1608C_-684
680
100
9.2
3.0
.14
.12
CTDO1608C_-105
1000
100
14
2.0
.10
.07
CTDO1608 Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters. Step up & step down converters and flash
memory programmers
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isatt
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
6.58
4.45
2.92
0.78
1.27
4.80
2.34
inches
0.26
0.18
0.12
0.03
0.05
0.19
0.09
A
Parts will be marked with
Significant Digit Dots OR Inductance Code
B
1st significant digit
2nd significant digit
Ind. Code
3rd significant digit
C
D
E
F
G
PHYSICAL DIMENSIONS
ENGINEERING KIT #9
RoHS
Compliant
Available


Similar Part No. - CTDO1608C-154

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO1608F CT-CTDO1608F Datasheet
378Kb / 1P
   Power Inductors - Unshielded
More results

Similar Description - CTDO1608C-154

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
   Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
   Power Inductors - Unshielded
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
   Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
   Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
   Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
   Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
   Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
   Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
   Power Inductors - Unshielded
CTDO3316 CT-CTDO3316 Datasheet
183Kb / 1P
   Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
   Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com